Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1085765 Datasheet(PDF) 4 Page - SICK AG

Part # 1085765
Description  PHOTOELECTRIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1085765 Datasheet(HTML) 4 Page - SICK AG

  1085765 Datasheet HTML 1Page - SICK AG 1085765 Datasheet HTML 2Page - SICK AG 1085765 Datasheet HTML 3Page - SICK AG 1085765 Datasheet HTML 4Page - SICK AG 1085765 Datasheet HTML 5Page - SICK AG 1085765 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GRSE18S-P2421V | GR18 Inox
PHOTOELECTRIC SENSORS
Connection diagram
Cd-072
1
2
+ (L+)
not connected
- (M)
BN
WH
BU
1
2
3
Test
BK
4
+ (L+)
Q
- (M)
BN
WH
BU
BK
1
2
3
Q
4
①  Sender
②  Receiver
Characteristic curve
GRSE18S
1
m
(feet)
4
(13.12)
8
(26.25)
12
(39.37)
16
(52.49)
100
1000
10
Operating reserve
Distance in m (feet)
Light spot size
GRSE18, infrared light
Ø 14
(0.6)
Ø 300
(11.8)
10
(32.8)
15
(49.2)
5
(16.4)
7
(23)
0.1
(0.3)
Distance in m (feet)
Ø 420
(16.5)
Ø 215
(8.5)
Ø 630
(24.8)
Diameter in mm (inch)
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-12-07 16:01:50
Subject to change without notice


Similar Part No. - 1085765

ManufacturerPart #DatasheetDescription
logo
SICK AG
1085766 SICK-1085766 Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
1085767 SICK-1085767 Datasheet
295Kb / 6P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 1085765

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com