Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5273 Datasheet(PDF) 5 Page - Analog Devices

Part No. AD5273
Description  64-Position OTP Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273 Datasheet(HTML) 5 Page - Analog Devices

  AD5273 Datasheet HTML 1Page - Analog Devices AD5273 Datasheet HTML 2Page - Analog Devices AD5273 Datasheet HTML 3Page - Analog Devices AD5273 Datasheet HTML 4Page - Analog Devices AD5273 Datasheet HTML 5Page - Analog Devices AD5273 Datasheet HTML 6Page - Analog Devices AD5273 Datasheet HTML 7Page - Analog Devices AD5273 Datasheet HTML 8Page - Analog Devices AD5273 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5273
–5–
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
W
VDD
GND
SCL
A
B
A0
SDA
AD5273
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
W
Wiper Terminal W
2
VDD
Positive Power Supply. Specified for non-OTP operation from 2.7 V to 5.5 V.
For OTP programming, VDD needs to be a minimum of 5 V.
3
GND
Common Ground
4
SCL
Serial Clock Input. Requires Pull-Up Resistor.
5
SDA
Serial Data Input/Output. Requires Pull-Up Resistor.
6
A0
I
2C Device Address Bit
7
B
Resistor Terminal B
8
A
Resistor Terminal A
REV. 0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn