Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAB Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JAB
Description  Axial Aluminum Electrolytic Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JAB Datasheet(HTML) 1 Page - jb Capacitors Company

  JAB Datasheet HTML 1Page - jb Capacitors Company JAB Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ø
85, 2000hours assured
Ø
Low Voltage
Ø
2 Rubber Type
Ø
For general purpose application
SPECIFICATIONS
Operating Temperature Range (℃)
-40℃ ~ +85℃
Capacitance Tolerance (20℃, 120Hz)
±20%
Voltage Range
6.3 ~ 160 WV
Surge Voltage (V) (20℃)
WV
6.3
10
16
25
35
50
63
100
160
SV
8
13
20
32
44
63
79
125
200
Leakage Current (μA) (20℃)
I ≤ 0.01CV or 3 (µA) Whichever is greater
(after 3 minutes applying the rated DC working voltage at 20℃)
where: C = rated capacitance in µF.
V = rated DC working voltage in V.
Dissipation Factor (Tanδ)
(at 20℃, 120Hz)
WV
6.3
10
16
25
35
50
63
100
160
DF
24
20
16
14
12
10
10
10
20
For capacitors whose capacitance exceeds 1,000µF, the specification of tanδ is increased by 0.02 for every addition of
1,000µF.
Low Temperature Characteristics
Impedance radio at 120Hz.
Comparison Z ∖WV
6.3
10
16
25
35
50
63
100
160
-25℃ / +20℃
4
3
2
2
2
2
3
2
3
-40℃ / +20℃
8
6
4
4
4
2
3
3
--
Load Life
After 2000 hours application of
rated voltage at 85℃, capacitors
meet the characteristics
requirements listed at right
Capacitance Charge
Less than ±25% of initial value
Dissipation Factor
Less than 200% of specified value
Leakage Current
Initial specified value of less
Shelf Life
After leaving capacitors under no load at 85℃ for 500 hours and applying voltage they meet the specified value for load
life characteristics listed above.
DIMENSIONS (mm)
Lead Diameter
ØD
5
6.3
8
10
13
16
18
22
25
Ød
0.5
0.6
0.8
a
1.0
2.0
b
0.5
1.0
Please visit our website to get more update data, those data & specification are subject to change without notice.
Axial Aluminum Electrolytic Capacitor – JAB
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JAB12H-DS ETC2-JAB12H-DS Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
JAB34H-DS ETC2-JAB34H-DS Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
JAB58H-DS ETC2-JAB58H-DS Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
logo
SHIELD s.r.l.
JABFG1500 SHIELD-JABFG1500 Datasheet
203Kb / 2P
   D-Sub series, with cable
JABFH2600 SHIELD-JABFH2600 Datasheet
203Kb / 2P
   D-Sub series, with cable
More results

Similar Description - JAB

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JAC JBCAPACITORS-JAC Datasheet
203Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAA JBCAPACITORS-JAA Datasheet
210Kb / 2P
   Axial Aluminum Electrolytic Capacitor
JAD JBCAPACITORS-JAD Datasheet
200Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAE JBCAPACITORS-JAE Datasheet
201Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAF JBCAPACITORS-JAF Datasheet
203Kb / 1P
   Axial Aluminum Electrolytic Capacitor
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com