Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2924-SMA Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 2924-SMA
Description  70 MHz Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2924-SMA Datasheet(HTML) 3 Page - KR Electronics, Inc.

  2924-SMA Datasheet HTML 1Page - KR Electronics, Inc. 2924-SMA Datasheet HTML 2Page - KR Electronics, Inc. 2924-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2016, KR Electronics, Inc.
2924-SMA, Rev 0
KR Electronics 2924-SMA
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Parameter
Specification
Filter type
Bandpass
Center Frequency
70 MHz
Insertion Loss
4 dB max
3 dB typical
1 dB Bandwidth
31 MHz min
33 MHz typical
20 dB Bandwidth
44 MHz max
42.7 MHz typical
40 dB Bandwidth
49 MHz max
48 MHz typical
Group Delay Variation (58 MHz to 82 MHz)
4 nsec max
< 2 nsec typical
Source and Load
50
3 dB Bandwidth
36 MHz typical
Notes:
1. Dimensions in inches
2. Rectangular case
3. Also available in surface mount package


Similar Part No. - 2924-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2924 KR-2924 Datasheet
102Kb / 3P
   70 MHz Center Frequency
2924++ KR-2924+ Datasheet
102Kb / 3P
   70 MHz Center Frequency
logo
PHOENIX CONTACT
2924016 PHOENIX-2924016 Datasheet
389Kb / 15P
   Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-ISP
02/04/2022
2924045 PHOENIX-2924045 Datasheet
426Kb / 12P
   Intrinsically safe NAMUR isolating amplifier with relay output
2924087 PHOENIX-2924087 Datasheet
313Kb / 12P
   Intrinsically safe NAMUR isolating amplifier, 2-channel, with relay output
More results

Similar Description - 2924-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3169 KR-3169 Datasheet
70Kb / 3P
   70 MHz Bandpass Filter
3157-1 KR-3157-1 Datasheet
74Kb / 3P
   70 MHz Bandpass Filter
3041 KR-3041 Datasheet
58Kb / 3P
   70 MHz Bandpass Filter
logo
TriQuint Semiconductor
854747-1 TRIQUINT-854747-1 Datasheet
34Kb / 1P
   70 MHz Bandpass Filter
logo
KR Electronics, Inc.
3135-70-30 KR-3135-70-30 Datasheet
103Kb / 3P
   70 MHz Bandpass Filter
3135-70-20 KR-3135-70-20 Datasheet
69Kb / 3P
   70 MHz Bandpass Filter
3157-SMD KR-3157-SMD Datasheet
69Kb / 3P
   70 MHz Bandpass Filter
3135-70-40 KR-3135-70-40 Datasheet
103Kb / 3P
   70 MHz Bandpass Filter
3218-70 KR-3218-70 Datasheet
63Kb / 3P
   70 MHz Bandpass Filter
3218-130 KR-3218-130 Datasheet
63Kb / 3P
   70 MHz Bandpass Filter
2810 KR-2810 Datasheet
49Kb / 2P
   70 MHz bandpass filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com