Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25122YFPT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25122YFPT
Description  Low IQ Highly Integrated Battery Charge Management Solution for Hearables, Wearables, and IoT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25122YFPT Datasheet(HTML) 36 Page - Texas Instruments

Back Button BQ25122YFPT Datasheet HTML 32Page - Texas Instruments BQ25122YFPT Datasheet HTML 33Page - Texas Instruments BQ25122YFPT Datasheet HTML 34Page - Texas Instruments BQ25122YFPT Datasheet HTML 35Page - Texas Instruments BQ25122YFPT Datasheet HTML 36Page - Texas Instruments BQ25122YFPT Datasheet HTML 37Page - Texas Instruments BQ25122YFPT Datasheet HTML 38Page - Texas Instruments BQ25122YFPT Datasheet HTML 39Page - Texas Instruments BQ25122YFPT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
36
bq25122
SLUSD33 – NOVEMBER 2017
www.ti.com
Product Folder Links: bq25122
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.6 Register Maps
8.6.1 Status and Ship Mode Control Register
Memory location 0x00h, Reset State: xx0x xxx1
Figure 25. Status and Ship Mode Control Register
7 (MSB)
6
5
4
3
2
1
0 (LSB)
x
x
0
x
x
x
x
1
R
R
Write Only
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 12. Status and Ship Mode Control Register
Bit
Field
Type
Reset
Description
B7 (MSB)
STAT_1
R
x
00 – Ready
01 – Charge in Progress
10 – Charge done
11 – Fault
Status is current status only.
B6
STAT_0
R
x
B5
EN_SHIPMODE
Write
Only
0
0 – Normal Operation
1 – Ship Mode Enabled
B4
RESET_FAULT
R
x
1 – RESET fault. Indicates when the device meets the RESET
conditions, and is cleared after I2C read.
B3
TIMER
R
x
1 – Safety timer fault. Continues to show fault after an I2C read
unless the CD pin or power have been toggled.
B2
VINDPM_STAT
R
x
0 – VIN_DPM is not active
1 – VIN_DPM is active
B1
CD_STAT
R
x
0 – CD low, IC enabled
1 – CD high, IC disabled
B0 (LSB)
SYS_EN_STAT
R
1
1 – SW enabled
0 – SW disabled


Similar Part No. - BQ25122YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25120 TI1-BQ25120 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120AYFPR TI1-BQ25120AYFPR Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120AYFPT TI1-BQ25120AYFPT Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
More results

Similar Description - BQ25122YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25125 TI1-BQ25125 Datasheet
2Mb / 69P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution For Wearables and IoT
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25121A TI1-BQ25121A Datasheet
2Mb / 70P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 66P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 68P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25123 TI-BQ25123 Datasheet
3Mb / 72P
[Old version datasheet]   BQ25123 700-nA Low Iq Highly Integrated Battery Charge Management Solution for Wearables
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com