Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25122YFPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25122YFPR
Description  Low IQ Highly Integrated Battery Charge Management Solution for Hearables, Wearables, and IoT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25122YFPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ25122YFPR Datasheet HTML 35Page - Texas Instruments BQ25122YFPR Datasheet HTML 36Page - Texas Instruments BQ25122YFPR Datasheet HTML 37Page - Texas Instruments BQ25122YFPR Datasheet HTML 38Page - Texas Instruments BQ25122YFPR Datasheet HTML 39Page - Texas Instruments BQ25122YFPR Datasheet HTML 40Page - Texas Instruments BQ25122YFPR Datasheet HTML 41Page - Texas Instruments BQ25122YFPR Datasheet HTML 42Page - Texas Instruments BQ25122YFPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
39
bq25122
www.ti.com
SLUSD33 – NOVEMBER 2017
Product Folder Links: bq25122
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.6.4 Fast Charge Control Register
Memory location 0x03h, Reset State: 0001 1000
Figure 28. Fast Charge Control Register
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
1
1
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 15. Fast Charge Control Register
Bit
Field
Type
Reset
Description
B7 (MSB)
ICHRG_RANGE
R/W
0
0 – To select charge range from 5 mA to 35 mA, ICHRG bits are
1-mA steps
1 – To select charge range from 40 mA to 300 mA, ICHRG bits
are 10-mA steps
B6
ICHRG_4
R/W
0
Charge current 16 mA or 160 mA
B5
ICHRG_3
R/W
0
Charge current 8 mA or 80 mA
B4
ICHRG_2
R/W
1
Charge current 4 mA or 40 mA
B3
ICHRG_1
R/W
1
Charge current 2 mA or 20 mA
B2
ICHRG_0
R/W
0
Charge current 1 mA or 10 mA
B1
CE
R/W
0
0 – Charger enabled
1 – Charger is disabled
B0 (LSB)
HZ_MODE
R/W
0
0 – Not high impedance mode
1 – High impedance mode
ICHRG_RANGE and ICHRG bits are used to set the charge current. The ICHRG is calculated using the following equation: If
ICHRG_RANGE is 0, then ICHRG = 5 mA + ICHRGCODE x 1 mA. If ICHRG_RANGE is 1, then ICHRG = 40 mA + ICHRGCODE x 10 mA. If a
value greater than 35 mA (ICHRG_RANGE = 0) or 300 mA (ICHRG_RANGE = 1) is written, the setting goes to 35 mA or 300 mA
respectively except if the ICHRG bits are all 1 (that is, 11111), then the externally programmed value is used. The PRETERM bits must also
be set prior to writing all 1s to ensure the external ISET current is used as well as the proper termination and pre-charge values are used.
For IPRETERM = 5%, set the IPRETERM bits to 000001, for IPRETERM = 10%, set the IPRETERM bits to 000010, for IPRETERM = 15%,
set the IPRETERM bits to 000100, and for IPRETERM = 20%, set the iPRETERM bits to 001000. The default may be overridden by the
external resistor on ISET.


Similar Part No. - BQ25122YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25120 TI1-BQ25120 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120AYFPR TI1-BQ25120AYFPR Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120AYFPT TI1-BQ25120AYFPT Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
More results

Similar Description - BQ25122YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25125 TI1-BQ25125 Datasheet
2Mb / 69P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution For Wearables and IoT
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25121A TI1-BQ25121A Datasheet
2Mb / 70P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 66P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 68P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25123 TI-BQ25123 Datasheet
3Mb / 72P
[Old version datasheet]   BQ25123 700-nA Low Iq Highly Integrated Battery Charge Management Solution for Wearables
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com