Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATBTLC1000XR Datasheet(PDF) 63 Page - Microchip Technology

Part # ATBTLC1000XR
Description  Ultra Low Power BLE 4.1 ATBTLC1000-XR1100A SiP/ ATBTLC1000-ZR110CA Module Datasheet
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATBTLC1000XR Datasheet(HTML) 63 Page - Microchip Technology

Back Button ATBTLC1000XR Datasheet HTML 59Page - Microchip Technology ATBTLC1000XR Datasheet HTML 60Page - Microchip Technology ATBTLC1000XR Datasheet HTML 61Page - Microchip Technology ATBTLC1000XR Datasheet HTML 62Page - Microchip Technology ATBTLC1000XR Datasheet HTML 63Page - Microchip Technology ATBTLC1000XR Datasheet HTML 64Page - Microchip Technology ATBTLC1000XR Datasheet HTML 65Page - Microchip Technology ATBTLC1000XR Datasheet HTML 66Page - Microchip Technology ATBTLC1000XR Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
have a grid of ground vias solidly connecting the pad to the inner layer ground plane (one via per
exposed center ground pads J41~J49).
Dedicate one layer as a ground plane, preferably the second layer from the top. Make sure that this
ground plane does not get broken up by routes. Power can route on all layers except the ground layer.
Power supply routes should be heavy copper fill planes to ensure the lowest possible inductance. The
power pins of the ATBTLC1000-XR1100A should have a via directly to the power plane as close to the
pin as possible. Decoupling capacitors should have a via right next to the capacitor pin and this via
should go directly down to the power plane – that is to say, the capacitor should not route to the power
plane through a long trace. The ground side of the decoupling capacitor should have a via right next to
the pad which goes directly down to the ground plane. Each decoupling capacitor should have its own via
directly to the ground plane and directly to the power plane right next to the pad. The decoupling
capacitors should be placed as close to the pin that it is filtering as possible.
14.1.2
Antenna
When designing in the ATBTLC1000-XR1100A, it is important to pay attention to the following
recommendations for antenna placement:
1.
Make sure to choose an antenna that covers the proper frequency band; 2.400GHz to 2.500GHz.
2.
Assure that the antenna is designed matched to 50Ω input impedance.
3.
Talk to the antenna vendor and make sure it is understood that the full frequency range must be
covered by the antenna.
4.
Be sure to follow the antenna vendors best practice layout recommendations when placing the
antenna in the customer PCB design.
5.
The customer PCB pad that the antenna is connected to must be properly designed for 50Ω
impedance.
6.
Make sure that the trace from the RF pin on the ATBTLC1000-XR1100A to the antenna matching
circuitry has a 50Ω impedance.
7.
Do not enclose the antenna within a metal shield.
8.
Keep any components that may radiate noise or signals within the 2.4GHz – 2.5GHz frequency
band far away from the antenna and RF traces or better yet, shield the noisy components. Any
noise radiated from the customer PCB in this frequency band will degrade the sensitivity of the
ATBTLC1000-XR1100A device.
ATBTLC1000XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Complete
DS60001505A-page 63


Similar Part No. - ATBTLC1000XR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
More results

Similar Description - ATBTLC1000XR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
ATSAMB11XR MICROCHIP-ATSAMB11XR Datasheet
6Mb / 87P
   Ultra Low Power BLE 4.1 SiP/Module
2017
logo
ATMEL Corporation
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
   Ultra Low Power BLE 4.1 Module
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
SAMB11QFNSOC ATMEL-SAMB11QFNSOC Datasheet
1Mb / 61P
   Ultra-low Power BLE 4.1 SoC
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
NXP Semiconductors
QN9080-001-M17 NXP-QN9080-001-M17 Datasheet
1Mb / 39P
   Ultra Low-Power Bluetooth Smart 5.0 SIP
Rev. 1.0-5 December 2018
logo
International Rectifier
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPV362MU IRF-CPV362MU Datasheet
467Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com