Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATBTLC1000XR Datasheet(PDF) 60 Page - Microchip Technology

Part # ATBTLC1000XR
Description  Ultra Low Power BLE 4.1 ATBTLC1000-XR1100A SiP/ ATBTLC1000-ZR110CA Module Datasheet
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATBTLC1000XR Datasheet(HTML) 60 Page - Microchip Technology

Back Button ATBTLC1000XR Datasheet HTML 56Page - Microchip Technology ATBTLC1000XR Datasheet HTML 57Page - Microchip Technology ATBTLC1000XR Datasheet HTML 58Page - Microchip Technology ATBTLC1000XR Datasheet HTML 59Page - Microchip Technology ATBTLC1000XR Datasheet HTML 60Page - Microchip Technology ATBTLC1000XR Datasheet HTML 61Page - Microchip Technology ATBTLC1000XR Datasheet HTML 62Page - Microchip Technology ATBTLC1000XR Datasheet HTML 63Page - Microchip Technology ATBTLC1000XR Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
Ite
m
Qty
Reference
Value
Description
Manufact
urer
Part Number Footprint
0201,25V,-55-125
C
5
1
C4
2.2pF
CAP,CER,2.2pF,
+/-0.1pF,NPO,
0201,25V,-55-125
C
Johanson 250R05L2R2
BV4T
0201
6
1
C5
2.6nH
Inductor,2.6nH,
+/-0.1nH,Q=13@5
00MHz,SRF=6GH
z,0201,-55-125C
Murata
LQP03TG2N
6B02D
0201
7
1
C6
10uF
CAP,CER,10uF,
20%,X5R,
0603,6.3V
AVX
Corporati
on
06036D106M
AT2A
0603
8
1
L1
8.2pF
CAP,CER,8.2pF,
+/-0.1pF,NPO,
0201,25V,-55-125
C
Johanson 250R05L8R2
BV4T
0201
9
1
L2
4.3nH
Inductor,4.3nH,
+/-3%,Q=13@500
MHz,SRF=6GHz,
0201,-55-125C
Murata
LQP03TG4N
3H02D
0201
10
2
R5,R6
100K
RESISTOR,Thick
Film,100k ohm,
0201
Panasoni
c
ERJ-1GEF10
03C
0201
11
7
TP1,TP2,TP
4,TP5,TP6,
TP7,TP8
Non-
Component
Test Point,Surface
Mount,0.040"sq w/
0.25"hole
40X40_SM_T
EST_POINT
0.04"SQx
0.025"H
12
1
U1
ATBTLC100
0_XR1100A
ATBTLC1000_XR
1100A BLE SIP
Microchip ATBTLC1000
_XR1100A
ATBTLC1
000_XR
13
1
Y1
32.768KHz
Crystal,
32.768KHz,
+/-20ppm,-40-
+85C,CL=7pF, 2
lead, SMD
ECS
ECS-.
327-7-34B-
TR
ATBTLC1000XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Complete
DS60001505A-page 60


Similar Part No. - ATBTLC1000XR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
More results

Similar Description - ATBTLC1000XR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
ATSAMB11XR MICROCHIP-ATSAMB11XR Datasheet
6Mb / 87P
   Ultra Low Power BLE 4.1 SiP/Module
2017
logo
ATMEL Corporation
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
   Ultra Low Power BLE 4.1 Module
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
SAMB11QFNSOC ATMEL-SAMB11QFNSOC Datasheet
1Mb / 61P
   Ultra-low Power BLE 4.1 SoC
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
NXP Semiconductors
QN9080-001-M17 NXP-QN9080-001-M17 Datasheet
1Mb / 39P
   Ultra Low-Power Bluetooth Smart 5.0 SIP
Rev. 1.0-5 December 2018
logo
International Rectifier
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPV362MU IRF-CPV362MU Datasheet
467Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com