Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATBTLC1000XR Datasheet(PDF) 59 Page - Microchip Technology

Part # ATBTLC1000XR
Description  Ultra Low Power BLE 4.1 ATBTLC1000-XR1100A SiP/ ATBTLC1000-ZR110CA Module Datasheet
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATBTLC1000XR Datasheet(HTML) 59 Page - Microchip Technology

Back Button ATBTLC1000XR Datasheet HTML 55Page - Microchip Technology ATBTLC1000XR Datasheet HTML 56Page - Microchip Technology ATBTLC1000XR Datasheet HTML 57Page - Microchip Technology ATBTLC1000XR Datasheet HTML 58Page - Microchip Technology ATBTLC1000XR Datasheet HTML 59Page - Microchip Technology ATBTLC1000XR Datasheet HTML 60Page - Microchip Technology ATBTLC1000XR Datasheet HTML 61Page - Microchip Technology ATBTLC1000XR Datasheet HTML 62Page - Microchip Technology ATBTLC1000XR Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
13.
ATBTLC1000 Schematics
13.1
ATBTLC1000-XR1100A Reference Schematic
Figure 13-1. ATBTLC1000-XR1100A Reference Schematic
13.2
ATBTLC1000-XR1100A Reference Schematic Bill of Materials (BOM)
Table 13-1. ATBTLC1000-XR1100A Reference Schematic Bill of Materials (BOM)
Ite
m
Qty
Reference
Value
Description
Manufact
urer
Part Number Footprint
1
1
A1
2450AT07A0
100
1x0.5mm Ceramic
Chip Antenna
Johanson 2450AT07A0
100
2
1
C1
0.5pF
CAP,CER,0.5pF,
+/-0.1pF,NPO,
0201,25V,-55-125
C
Johanson 250R05L0R5
BV4T
0201
3
1
C2
2.1nH
Inductor,2.1nH,
+/-0.1nH,Q=14@5
00MHz,SRF=11G
Hz,0201,-55-125C
Murata
LQP03TN2N
1B02D
0201
4
1
C3
DNP
CAP,CER,2.2pF,
+/-0.1pF,NPO,
Johanson 250R05L2R2
BV4T
0201
ATBTLC1000XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Complete
DS60001505A-page 59


Similar Part No. - ATBTLC1000XR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
More results

Similar Description - ATBTLC1000XR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
ATSAMB11XR MICROCHIP-ATSAMB11XR Datasheet
6Mb / 87P
   Ultra Low Power BLE 4.1 SiP/Module
2017
logo
ATMEL Corporation
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
   Ultra Low Power BLE 4.1 Module
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
SAMB11QFNSOC ATMEL-SAMB11QFNSOC Datasheet
1Mb / 61P
   Ultra-low Power BLE 4.1 SoC
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
NXP Semiconductors
QN9080-001-M17 NXP-QN9080-001-M17 Datasheet
1Mb / 39P
   Ultra Low-Power Bluetooth Smart 5.0 SIP
Rev. 1.0-5 December 2018
logo
International Rectifier
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPV362MU IRF-CPV362MU Datasheet
467Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com