Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATBTLC1000XR Datasheet(PDF) 52 Page - Microchip Technology

Part # ATBTLC1000XR
Description  Ultra Low Power BLE 4.1 ATBTLC1000-XR1100A SiP/ ATBTLC1000-ZR110CA Module Datasheet
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATBTLC1000XR Datasheet(HTML) 52 Page - Microchip Technology

Back Button ATBTLC1000XR Datasheet HTML 48Page - Microchip Technology ATBTLC1000XR Datasheet HTML 49Page - Microchip Technology ATBTLC1000XR Datasheet HTML 50Page - Microchip Technology ATBTLC1000XR Datasheet HTML 51Page - Microchip Technology ATBTLC1000XR Datasheet HTML 52Page - Microchip Technology ATBTLC1000XR Datasheet HTML 53Page - Microchip Technology ATBTLC1000XR Datasheet HTML 54Page - Microchip Technology ATBTLC1000XR Datasheet HTML 55Page - Microchip Technology ATBTLC1000XR Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
Figure 11-6. I2C Slave Timing Diagram
Table 11-8. I2C Slave Timing Parameters
Parameter
Symbol Min. Max. Units Remarks
SCL Clock Frequency
fSCL
0
400
kHz
SCL Low Pulse Width
tWL
1.3
µs
SCL High Pulse Width
tWH
0.6
SCL, SDA Fall Time
tHL
300
ns
SCL, SDA Rise Time
tLH
300
This is dictated by external
components
START Setup Time
tSUSTA
0.6
µs
START Hold Time
tHDSTA
0.6
SDA Setup Time
tSUDAT
100
ns
SDA Hold Time
tHDDAT
0
40
Slave and Master Default
Master Programming Option
STOP Setup time
tSUSTO
0.6
µs
Bus Free Time Between STOP and START tBUF
1.3
Glitch Pulse Reject
tPR
0
50
ns
Table 11-9. I2C Master Timing Parameters
Parameter
Symbol Standard Mode Fast Mode High-speed Mode Units
Min.
Max.
Min. Max. Min.
Max.
SCL Clock Frequency
fSCL
0
100
0
400
0
3400
kHz
SCL Low Pulse Width
tWL
4.7
1.3
0.16
µs
SCL High Pulse Width
tWH
4
0.6
0.06
ATBTLC1000XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Complete
DS60001505A-page 52


Similar Part No. - ATBTLC1000XR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
More results

Similar Description - ATBTLC1000XR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
ATSAMB11XR MICROCHIP-ATSAMB11XR Datasheet
6Mb / 87P
   Ultra Low Power BLE 4.1 SiP/Module
2017
logo
ATMEL Corporation
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
   Ultra Low Power BLE 4.1 Module
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
SAMB11QFNSOC ATMEL-SAMB11QFNSOC Datasheet
1Mb / 61P
   Ultra-low Power BLE 4.1 SoC
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
NXP Semiconductors
QN9080-001-M17 NXP-QN9080-001-M17 Datasheet
1Mb / 39P
   Ultra Low-Power Bluetooth Smart 5.0 SIP
Rev. 1.0-5 December 2018
logo
International Rectifier
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPV362MU IRF-CPV362MU Datasheet
467Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com