Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1311BDWVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1311BDWVR
Description  High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1311BDWVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC1311BDWVR Datasheet HTML 16Page - Texas Instruments AMC1311BDWVR Datasheet HTML 17Page - Texas Instruments AMC1311BDWVR Datasheet HTML 18Page - Texas Instruments AMC1311BDWVR Datasheet HTML 19Page - Texas Instruments AMC1311BDWVR Datasheet HTML 20Page - Texas Instruments AMC1311BDWVR Datasheet HTML 21Page - Texas Instruments AMC1311BDWVR Datasheet HTML 22Page - Texas Instruments AMC1311BDWVR Datasheet HTML 23Page - Texas Instruments AMC1311BDWVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
TX IN
Carrier Signal Across
the Isolation Barrier
RX OUT
TX IN
Oscillator
OOK
Modulation
Transmitter
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
RX OUT
SiO2-Based
Capacitive
Reinforced
Isolation
Barrier
20
AMC1311, AMC1311B
SBAS786 – DECEMBER 2017
www.ti.com
Product Folder Links: AMC1311 AMC1311B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Isolation Channel Signal Transmission
The AMC1311 uses an on-off keying (OOK) modulation scheme to transmit the modulator output bitstream
across the SiO2-based isolation barrier. As shown in Figure 46, the transmitter modulates the bitstream at TX IN
with an internally-generated, high-frequency carrier across the isolation barrier to represent a digital one and
does not send a signal to represent the digital zero. The nominal frequency of the carrier used inside the
AMC1311 is 480 MHz.
The receiver demodulates the signal after advanced signal conditioning and produces the output. The AMC1311
also incorporates advanced circuit techniques to maximize the CMTI performance and minimize the radiated
emissions caused by the high-frequency carrier and IO buffer switching.
Figure 46. Block Diagram of an Isolation Channel
Figure 47 shows the concept of the OOK scheme.
Figure 47. OOK-Based Modulation Scheme


Similar Part No. - AMC1311BDWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311B-Q1 TI1-AMC1311B-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311B-Q1 TI1-AMC1311B-Q1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311BQDWVQ1 TI1-AMC1311BQDWVQ1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311BQDWVRQ1 TI1-AMC1311BQDWVRQ1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
More results

Similar Description - AMC1311BDWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1_18 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1211-Q1 TI1-AMC1211-Q1 Datasheet
873Kb / 33P
[Old version datasheet]   High-Impedance, 2-V Input, Basic Isolated Amplifiers
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
logo
Intersil Corporation
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com