Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1311B Datasheet(PDF) 22 Page - Texas Instruments

Part # AMC1311B
Description  High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1311B Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC1311B Datasheet HTML 18Page - Texas Instruments AMC1311B Datasheet HTML 19Page - Texas Instruments AMC1311B Datasheet HTML 20Page - Texas Instruments AMC1311B Datasheet HTML 21Page - Texas Instruments AMC1311B Datasheet HTML 22Page - Texas Instruments AMC1311B Datasheet HTML 23Page - Texas Instruments AMC1311B Datasheet HTML 24Page - Texas Instruments AMC1311B Datasheet HTML 25Page - Texas Instruments AMC1311B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
+VBUS
RSHUNT
L1
L3
L2
RSHUNT
RSHUNT
VOUTP
VOUTN
VDD2
GND2
GND1
VINN
VINP
VDD1
AMC1301
3.3 V
Motor
Copyright © 2017, Texas Instruments Incorporated
3.3 V
VOUTP
VOUTN
VDD2
GND2
GND1
VINN
VINP
VDD1
AMC1301
3.3 V
3.3 V
VOUTP
VOUTN
VDD2
GND2
GND1
VINN
VINP
VDD1
AMC1301
3.3 V
3.3 V
VOUTP
VOUTN
VDD2
GND2
GND1
SHTDN
VIN
VDD1
AMC1311B
3.3 V
3.3 V
Analog
Filter
To ADC
Analog
Filter
To ADC
Analog
Filter
To ADC
Analog
Filter
To ADC
ICROSS
RSENSE
-VBUS
R1
R2
22
AMC1311, AMC1311B
SBAS786 – DECEMBER 2017
www.ti.com
Product Folder Links: AMC1311 AMC1311B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The very low input bias current, ac and dc errors, and temperature drift make the AMC1311 a high-performance
solution for industrial applications where voltage measurement with high common-mode levels is required.
9.2 Typical Application
Isolated amplifiers are widely used in frequency inverters that are critical parts of industrial motor drives,
photovoltaic inverters, uninterruptible power supplies, and other industrial applications. The input structure of the
AMC1311 is tailored for isolated voltage sensing using resistive dividers to reduce the high common-mode
voltage.
Figure 49 illustrates a typical use of the AMC1311 for dc bus voltage sensing in a frequency inverter application.
Phase current measurement is accomplished through the shunt resistors, RSHUNT (in this case, two-pin shunts)
and the AMC1301 isolated amplifiers that are optimized for isolated current sensing. The high-impedance input
and the high common-mode transient immunity of the AMC1311 ensure reliable and accurate operation even in
high-noise environments, such as the power stage of frequency inverters as used in motor drives.
Figure 49. Using the AMC1311B for DC Bus Voltage Sensing in Frequency Inverters


Similar Part No. - AMC1311B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311B-Q1 TI1-AMC1311B-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311B-Q1 TI1-AMC1311B-Q1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311BQDWVQ1 TI1-AMC1311BQDWVQ1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311BQDWVRQ1 TI1-AMC1311BQDWVRQ1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
More results

Similar Description - AMC1311B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1_18 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1211-Q1 TI1-AMC1211-Q1 Datasheet
873Kb / 33P
[Old version datasheet]   High-Impedance, 2-V Input, Basic Isolated Amplifiers
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
logo
Intersil Corporation
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com