Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G57GW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC1G57GW
Description  Low-power configurable multiple function gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G57GW Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC1G57GW Datasheet HTML 1Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74LVC1G57 is a high-performance, low-power, low-voltage, Si-gate CMOS device,
superior to most advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this
device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using Ioff. The Ioff circuitry
disables the output, preventing the damaging backflow current through the device when it
is powered down.
The 74LVC1G57 provides configurable multiple functions. The output state is determined
by eight patterns of 3-bit input. The user can choose the logic functions AND, OR, NAND,
NOR, XNOR, inverter and buffer. All inputs can be connected to VCC or GND.
All inputs (A, B and C) have Schmitt-trigger action. They are capable of transforming
slowly changing input signals into sharply defined, jitter-free output signals.
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s 5 V tolerant input/output for interfacing with 5 V logic
s High noise immunity
s Complies with JEDEC standard:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8B/JESD36 (2.7 V to 3.6 V).
s
±24 mA output drive (V
CC = 3.0 V)
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s CMOS low power consumption
s Latch-up performance exceeds 250 mA
s Direct interface with TTL levels
s Inputs accept voltages up to 5 V
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C.
74LVC1G57
Low-power configurable multiple function gate
Rev. 01 — 6 September 2004
Product data sheet


Similar Part No. - 74LVC1G57GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G57GW NXP-74LVC1G57GW Datasheet
103Kb / 17P
   Low-power configurable multiple function gate
Rev. 03-19 July 2007
logo
Nexperia B.V. All right...
74LVC1G57GW NEXPERIA-74LVC1G57GW Datasheet
269Kb / 18P
   Low-power configurable multiple function gate
Rev. 10 - 1 February 2022
74LVC1G57GW-Q100 NEXPERIA-74LVC1G57GW-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
More results

Similar Description - 74LVC1G57GW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com