Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8168 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8168
Description  8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8168 Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADS8168 Datasheet HTML 65Page - Texas Instruments ADS8168 Datasheet HTML 66Page - Texas Instruments ADS8168 Datasheet HTML 67Page - Texas Instruments ADS8168 Datasheet HTML 68Page - Texas Instruments ADS8168 Datasheet HTML 69Page - Texas Instruments ADS8168 Datasheet HTML 70Page - Texas Instruments ADS8168 Datasheet HTML 71Page - Texas Instruments ADS8168 Datasheet HTML 72Page - Texas Instruments ADS8168 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
B
REFby2
500
V
(V
V)
97.5mV
10k
500
:
§
·
u ¨
¸
:
:
©
¹
ADC
Sequencer
AIN0
AIN1
AIN7
+
AIN0
MUXOUT-P
ADC-INP
OPA320
ADS8168 Solution ± Single Wide Bandwidth Amplifier
43.2k
5V
3.6pF
49.9
10k
0µA to 90µA
3.6pF
4.096V
÷2
VREF
500
VB = 0.1V
REFby2
VB = 0.1V
ADS8168
AIN1
AIN7
SFH213
0µA to 90µA
69
ADS8168
www.ti.com
SBAS817 – NOVEMBER 2017
Product Folder Links: ADS8168
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.3 8-Channel Photodiode Detector With Smallest Size and Lowest Number of Components
The circuit in Figure 79 shows an 8-channel photodiode detector using the ADS8168. In this example, one
common amplifier is used for eight photodiodes. A detailed description of the transimpedance amplifier is given in
TI Precision Designs.
Figure 79. Small Size, 8-channel Photo Detector
8.2.3.1 Design Requirements
The objective of this design is to achieve:
Smallest solution size.
Transimpedance output of 0.1-V to 4-V for a 0-µA to 90-µA input with a bandwidth of 1-MHz.
The voltage divider is designed to provide a minimum amplifier output of 0.1-V when the photodiode
current is zero (dark current). This prevents the amplifier from saturating to the negative rail.
8.2.3.2 Detailed Design Procedure
In Figure 79, the photodiodes are connected to the multiplexer input in photovoltaic mode. Depending on the
application requirements, either photovoltaic mode or photoconductive mode can be used. The multiplexer in the
ADS8168 is used as a current multiplexer in this example. One common amplifier for all photodiodes reduces
cost, complexity, PCB area, and power consumption. It also simplifies system calibration as the gain and offset
error is the same for all channels. Finally, the low leakage current of the multiplexer is ideal for photodiode
applications
OPA320 is used as a transimpedance amplifier that can also drive the ADC inputs. In order to set the output
voltage of OPA320 to 0.1-V in dark conditions, an equivalent bias voltage (VB) is applied at the non-inverting
terminal. This bias voltage is derived using a resistive voltage divider on REFby2 output (2.048V), as shown in
Equation 14.
(14)
The feedback resistor for the transimpedance amplifier can be selected by designing for 4-V output for a 90-µA
input, as shown in Equation 15.


Similar Part No. - ADS8168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8168 TI1-ADS8168 Datasheet
1Mb / 82P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168 TI1-ADS8168 Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168 TI1-ADS8168 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8168IRHBR TI1-ADS8168IRHBR Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168IRHBR TI1-ADS8168IRHBR Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
More results

Similar Description - ADS8168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8166 TI1-ADS8166_18 Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166 Datasheet
1Mb / 82P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166_19 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8166_1812 TI1-ADS8166_1812 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
   16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD4695 AD-AD4695 Datasheet
1Mb / 96P
   16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com