Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8168 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8168
Description  8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8168 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADS8168 Datasheet HTML 42Page - Texas Instruments ADS8168 Datasheet HTML 43Page - Texas Instruments ADS8168 Datasheet HTML 44Page - Texas Instruments ADS8168 Datasheet HTML 45Page - Texas Instruments ADS8168 Datasheet HTML 46Page - Texas Instruments ADS8168 Datasheet HTML 47Page - Texas Instruments ADS8168 Datasheet HTML 48Page - Texas Instruments ADS8168 Datasheet HTML 49Page - Texas Instruments ADS8168 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
46
ADS8168
SBAS817 – NOVEMBER 2017
www.ti.com
Product Folder Links: ADS8168
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.4 Channel Sequence Configuration Registers Map
The device features following channel configuration registers, mapped as described in Table 19.
Table 29. Channel Sequence Configuration Registers Mapping
ADDRESS
REGISTER NAME
REGISTER DESCRIPTION
01Ch
DEVICE_CFG
Device mode and status
01Dh
CHANNEL_ID
Manual channel selection
01Eh
SEQ_START
Start sequence control
01Fh
SEQ_STOP
Abort sequence control
02A
ON_THE_FLY_CFG
Enable/Disable On-The-Fly Mode
080h
AUTO_SEQ_CFG1
Auto Sequence mode channel selection
082h
AUTO_SEQ_CFG2
Auto Sequence mode loop control
7.6.4.1 DEVICE_CFG Register (address = 01Ch) [reset = 00h]
This register selects the mode of channel sequencing and read back returns device status information.
Figure 48. DEVICE_CFG Register
7
6
5
4
3
2
1
0
0
0
0
0
ALERT_STATU
S
ERROR_STAT
US
SEQ_MODE[1:0]
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R/W-00b
Table 30. DEVICE_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
0
R
0000b
Reserved bits. Do not write. Reads return 0000b.
3
ALERT_STATUS
R
0b
Read only. This bit reflects the ALERT pin logic level.
2
ERROR_STATUS
R
0b
Read only. Indicates device configuration error:
0b = No error.
1b = Error in configuration. .
1-0
SEQ_MODE[1:0]
R/W
00b
Sets the MUX channel selection operation:
00b = Manual mode.
01b = On-The-Fly mode.
10b = Auto Sequence mode.
11b = Lookup Based Sequencing mode.
The ALERT_STATUS, ERROR_STATUS and SEQ_MODE[1:0] bits can be collectively decoded to indicate
events as shown in Table 31.
Table 31. Decoding DEVICE_CFG Read Value
ALERT_STATUS
ERROR_STATUS
SEQ_MODE[1:0]
EVENT DESCRIPTION
0
0
00
No ALERT, No error, Manual mode.
0
0
01
No ALERT, No error, On-The-Fly mode.
0
0
10
No ALERT, No error, Auto Sequence mode.
0
0
11
No ALERT, No error, Lookup Based
Sequencing mode.
0
1
00
No ALERT, Error, Manual mode.
0
1
01
No ALERT, Error, On-The-Fly mode.
0
1
10
No ALERT, Error, Auto Sequence mode.
0
1
11
No ALERT, Error, Lookup Based
Sequencing mode.
1
0
00
ALERT, No error, Manual mode.
1
0
01
ALERT, No error, On-The-Fly mode.
1
0
10
ALERT, No error, Auto Sequence mode.


Similar Part No. - ADS8168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8168 TI1-ADS8168 Datasheet
1Mb / 82P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168 TI1-ADS8168 Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168 TI1-ADS8168 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8168IRHBR TI1-ADS8168IRHBR Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168IRHBR TI1-ADS8168IRHBR Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
More results

Similar Description - ADS8168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8166 TI1-ADS8166_18 Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166 Datasheet
1Mb / 82P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166_19 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8166_1812 TI1-ADS8166_1812 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
   16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD4695 AD-AD4695 Datasheet
1Mb / 96P
   16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com