Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8168 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8168
Description  8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8168 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS8168 Datasheet HTML 24Page - Texas Instruments ADS8168 Datasheet HTML 25Page - Texas Instruments ADS8168 Datasheet HTML 26Page - Texas Instruments ADS8168 Datasheet HTML 27Page - Texas Instruments ADS8168 Datasheet HTML 28Page - Texas Instruments ADS8168 Datasheet HTML 29Page - Texas Instruments ADS8168 Datasheet HTML 30Page - Texas Instruments ADS8168 Datasheet HTML 31Page - Texas Instruments ADS8168 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
CS
Sample
CHA
SCLK
Sample
CH2
Sample
CH6
Data CHA
Data CHA
Data CH2
SDO
24 clocks
MUX OUT = CH6
tCYCLE
MUX
SEQ_START
SDI
SEQSTS
24 clocks
16 clocks
Scan channels AIN2 and AIN6
Data CH6
MUX OUT = CH6
16 clocks
MUX OUT = CHA
MUX OUT = CH2
MUX OUT = CH0
Sample
CH0
28
ADS8168
SBAS817 – NOVEMBER 2017
www.ti.com
Product Folder Links: ADS8168
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 22. Example: Scanning Channels 2 and 6 in Auto Sequence Mode
To repeat a channel sequence indefinitely, set AUTO_REPEAT = 1b. When AUTO_REPEAT bit is enabled, the
MUX will scan through the channels enabled in the AUTO_SEQ_CH[7:0] register and repeat the sequence after
the last channel data has been converted as shown in Figure 23. After converting last channel in the sequence,
the multiplexer does not automatically default to AIN0 unless AIN0 is enabled in AUTO_SEQ_CH[7:0].
As an example, Figure 23 shows the timing diagram when the device is scanning AIN2 and AIN6 in Auto
Sequence mode with AUTO_REPEAT = 1b. At the end of conversion of AIN6, AIN2 is selected as the active
channel and the device continues scanning through the enabled channels again.
To use the device in auto sequence with the repeat mode enabled follow these steps
Set SEQ_MODE[1:0] = 10b.
Configure the AUTO_SEQ_CH[7:0] register. In Figure 22, AUTO_SEQ_CH = 0x84.
AUTO_REPEAT = 1b.
SEQ_START = 1b to start executing the sequence.


Similar Part No. - ADS8168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8168 TI1-ADS8168 Datasheet
1Mb / 82P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168 TI1-ADS8168 Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168 TI1-ADS8168 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8168IRHBR TI1-ADS8168IRHBR Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168IRHBR TI1-ADS8168IRHBR Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
More results

Similar Description - ADS8168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8166 TI1-ADS8166_18 Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166 Datasheet
1Mb / 82P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166_19 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8166_1812 TI1-ADS8166_1812 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
   16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD4695 AD-AD4695 Datasheet
1Mb / 96P
   16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com