Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7142 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7142
Description  Nanopower, Dual-Channel, Programmable Sensor Monitor
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7142 Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADS7142 Datasheet HTML 43Page - Texas Instruments ADS7142 Datasheet HTML 44Page - Texas Instruments ADS7142 Datasheet HTML 45Page - Texas Instruments ADS7142 Datasheet HTML 46Page - Texas Instruments ADS7142 Datasheet HTML 47Page - Texas Instruments ADS7142 Datasheet HTML 48Page - Texas Instruments ADS7142 Datasheet HTML 49Page - Texas Instruments ADS7142 Datasheet HTML 50Page - Texas Instruments ADS7142 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
47
ADS7142
www.ti.com
SBAS773A – SEPTEMBER 2017 – REVISED DECEMBER 2017
Product Folder Links: ADS7142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.4 ANALOG MUX and SEQUENCER REGISTERS
These registers configure the analog multiplexer and channel sequencing.
7.6.4.1 AUTO_SEQ_CHEN Register (address = 20h), [reset = 03h]
This register selects the channels that are scanned when Auto-Sequencing is enabled. By default, both channels
are selected at power up.
Figure 81. AUTO_SEQ_CHEN Register
7
6
5
4
3
2
1
0
0
0
0
0
0
0
AUTOSEQ_EN
_CH1
AUTOSEQ_EN
_CH0
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R/W-1b
R/W-1b
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 12. AUTO_SEQ_CHEN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R
000000b
Reserved Bits. Read returns 000000b
1
AUTO_SEQ_CH1
R/W
1b
0 = Channel 1 is not selected for auto sequencing
1= Channel 1 is selected for auto sequencing
0
AUTO_SEQ_CH0
R/W
1b
0 = Channel 0 is not selected for auto sequencing
1= Channel 0 is selected for auto sequencing
7.6.4.2 START_SEQUENCE Register (address = 1Eh), [reset = 00h]
A write to this register starts the channel scanning sequence.
Figure 82. START_SEQUENCE Register
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
SEQ_START
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
W-0b
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 13. START_SEQUENCE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R
0000000b
Reserved Bits. Read returns 0000000b
0
SEQ_START
W
0b
Setting this bit = 1 brings the BUSY/RDY pin high and starts the first
conversion in the sequence


Similar Part No. - ADS7142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
ADS7142 TI1-ADS7142 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142 TI1-ADS7142 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
More results

Similar Description - ADS7142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
   Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
   Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
Infineon Technologies A...
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
   Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
   Dual Programmable Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
TLE4999C4 INFINEON-TLE4999C4 Datasheet
539Kb / 25P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2021-12-13
logo
Maxim Integrated Produc...
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
   nanoPower On/Off Controller with Programmable Sleep Time
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com