Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7142 Datasheet(PDF) 65 Page - Texas Instruments

Part # ADS7142
Description  Nanopower, Dual-Channel, Programmable Sensor Monitor
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7142 Datasheet(HTML) 65 Page - Texas Instruments

Back Button ADS7142_17 Datasheet HTML 61Page - Texas Instruments ADS7142_17 Datasheet HTML 62Page - Texas Instruments ADS7142_17 Datasheet HTML 63Page - Texas Instruments ADS7142_17 Datasheet HTML 64Page - Texas Instruments ADS7142_17 Datasheet HTML 65Page - Texas Instruments ADS7142_17 Datasheet HTML 66Page - Texas Instruments ADS7142_17 Datasheet HTML 67Page - Texas Instruments ADS7142_17 Datasheet HTML 68Page - Texas Instruments ADS7142_17 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
LPV812
R
C
ADS7142
SCL
SDA
ALERT
1.8V to 3.3V
HOST MCU
PIR
Sensor
Copyright © 2017, Texas Instruments Incorporated
65
ADS7142
www.ti.com
SBAS773A – SEPTEMBER 2017 – REVISED DECEMBER 2017
Product Folder Links: ADS7142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.2 Event-triggered PIR sensing with ADS7142
Figure 119. PIR Sensor with ADS7142
8.2.2.1 Design Requirements
A passive infrared (PIR) sensor is a commonly used sensor to detect motion by measuring infrared light emitted
from any object that generates heat. PIR sensors are small, inexpensive, low-power, rugged, have a wide lens
range, and are easy to use. PIR sensors are commonly used in security lighting and alarm systems used in
indoor environments. When there is no motion or heat-emitting object in the vicinity of the sensor, the PIR sensor
output is a DC voltage which is typically specified in the PIR datasheet. When a source of heat, such as a person
or animal, comes into the sensor field of view, then the PIR sensor output changes. The amplitude of this signal
is proportional to the speed and distance of the object relative to the sensor and is in the range of millivolts peak-
to-peak. PIR sensors are often followed by a signal conditioning stage which amplifies the IR sensor output. A
PIR sensor can be interfaced with the ADS7142 to make an ultra-low-power, autonomous PIR motion detector.
The Autonomous Modes of the ADS7142 with threshold monitoring enables the system to put the host MCU into
a low-power sleep mode and wake up the MCU only when motion is detected by the PIR sensor. Figure 119
shows a typical block diagram for an autonomous PIR motion detector using the ADS7142.
8.2.2.2 Detailed Design Procedure
The analog signal conditioning circuit is shown in the schematic in Figure 120. The first stage of the amplifier
filter acts as a bandpass filter while the second stage applies an inverting gain. Components R10 and C5 serve
as a low-pass filter to stabilize the supply voltage at the input to the sensor. Resistor R5 sets the bias current in
the JFET output transistor of the PIR motion sensor. To save power, R5 is larger than recommended and
essentially current starves the sensor. This comes at the expense of decreased sensitivity and higher output
noise at the sensor output, which is a fair tradeoff for increased battery lifetime. Some of the loss in sensitivity at
the sensor output can be compensated by a gain increase in the filter stages. Stage 1 of Figure 120 is arranged
as a non-inverting gain filter stage. This provides a high-impedance load to the sensor so its bias point remains
fixed. Because this stage has an effective DC gain of one due to C2, the sensor output bias voltage provides the
DC bias for the first filter stage. Feedback diodes D1 and D2 provide clamping so that the op amps in both filter
stages stay out of saturation for motion events which are close to the sensor. Stage 1 has a low and high cutoff
frequency of 0.7 Hz and 10.6 Hz respectively and a gain of 220. Stage 2 is arranged as an inverting summer
gain stage and is AC-coupled to Stage 1. A DC bias of VCC/2 is connected to the non-inverting input of the
amplifier in this stage. Due to the higher gain in the filter stages and higher output noise from the sensor, care
must be taken to optimize the placement of the high-frequency filter pole and the window comparator thresholds
to avoid false detection.


Similar Part No. - ADS7142_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142-Q1 TI1-ADS7142-Q1_V01 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142QDQCRQ1 TI1-ADS7142QDQCRQ1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142QDQCTQ1 TI1-ADS7142QDQCTQ1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
More results

Similar Description - ADS7142_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
   Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
   Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
Infineon Technologies A...
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
   Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
   Dual Programmable Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
TLE4999C4 INFINEON-TLE4999C4 Datasheet
539Kb / 25P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2021-12-13
logo
Maxim Integrated Produc...
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
   nanoPower On/Off Controller with Programmable Sleep Time
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com