Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7142 Datasheet(PDF) 33 Page - Texas Instruments

Part # ADS7142
Description  Nanopower, Dual-Channel, Programmable Sensor Monitor
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7142 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS7142_17 Datasheet HTML 29Page - Texas Instruments ADS7142_17 Datasheet HTML 30Page - Texas Instruments ADS7142_17 Datasheet HTML 31Page - Texas Instruments ADS7142_17 Datasheet HTML 32Page - Texas Instruments ADS7142_17 Datasheet HTML 33Page - Texas Instruments ADS7142_17 Datasheet HTML 34Page - Texas Instruments ADS7142_17 Datasheet HTML 35Page - Texas Instruments ADS7142_17 Datasheet HTML 36Page - Texas Instruments ADS7142_17 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
No
Manual Mode
(1)
Yes
Provide Device Address
and Read Bit to Start
Conversions
(4)
Continue with
conversions and
reading data
Scan CH0
Only
Set SEQ_START Bit
(3)
No
CH0 Only (Default)
Provide Device Address
and Read Bit to Start
Conversions
(4)
Continue with
conversions and
reading data
Exit to another Operation Mode
(6)
Yes
No
Set SEQ_ABORT Bit
(5)
Continue in
same Operation
Mode
Provide STOP
Condition on I
2C Bus(4)
Yes
Continue in
same Operation
Mode
Yes
No
No
No
Provide Continuous
SCL to the device
(4)
Provide Continuous
SCL to the device
(4)
Yes
Select Manual Mode
with AUTO Sequence
and Select Channels
in AUTO Sequence
(2)
AUTO
Sequence
33
ADS7142
www.ti.com
SBAS773A – SEPTEMBER 2017 – REVISED DECEMBER 2017
Product Folder Links: ADS7142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
(1)
For setting the operation mode to Manual mode, Refer to Figure 54
(2)
Select Manual mode with AUTO sequence in OPMODE_SEL register. Select channels in AUTO_SEQ_CFG register.
(3)
Set the bit SEQ_START bit in the START_SEQUENCE register.
(4)
Refer to Figure 56 .
(5)
Set the bit SEQ_ABORT bit in the ABORT_SEQUENCE register .
(6)
Select another operation mode in the OPMODE_SEL register.
(7)
For reading and writing registers, Refer to Device Programming section.
Figure 55. Device Operation in Manual Mode


Similar Part No. - ADS7142_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142-Q1 TI1-ADS7142-Q1_V01 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142QDQCRQ1 TI1-ADS7142QDQCRQ1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142QDQCTQ1 TI1-ADS7142QDQCTQ1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
More results

Similar Description - ADS7142_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
   Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
   Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
Infineon Technologies A...
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
   Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
   Dual Programmable Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
TLE4999C4 INFINEON-TLE4999C4 Datasheet
539Kb / 25P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2021-12-13
logo
Maxim Integrated Produc...
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
   nanoPower On/Off Controller with Programmable Sleep Time
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com