Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7054 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7054
Description  14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7054 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7054 Datasheet HTML 5Page - Texas Instruments ADS7054 Datasheet HTML 6Page - Texas Instruments ADS7054 Datasheet HTML 7Page - Texas Instruments ADS7054 Datasheet HTML 8Page - Texas Instruments ADS7054 Datasheet HTML 9Page - Texas Instruments ADS7054 Datasheet HTML 10Page - Texas Instruments ADS7054 Datasheet HTML 11Page - Texas Instruments ADS7054 Datasheet HTML 12Page - Texas Instruments ADS7054 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
fIN, Input Frequency (kHz)
0
40
80
120
160
200
76
77
78
79
80
81
D006
SNR
SINAD
AVDD Voltage (V)
1.8
2.16
2.52
2.88
3.24
3.6
77
78
79
80
81
82
D007
SNR
SINAD
fIN, Input Frequency (kHz)
0
100
200
300
400
500
-200
-150
-100
-50
0
D003
Free-Air Temperature (qC)
-40
-7
26
59
92
125
77
78
79
80
81
82
D005
SNR
SINAD
fIN, Input Frequency (kHz)
0
100
200
300
400
500
-200
-150
-100
-50
0
D001
fIN, Input Frequency (kHz)
0
100
200
300
400
500
-200
-150
-100
-50
0
D001
9
ADS7054
www.ti.com
SBAS859 – DECEMBER 2017
Product Folder Links: ADS7054
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C, AVDD = 3.3 V, DVDD = 1.8 V, fIN = 2 kHz, and fsample = 1 MSPS (unless otherwise noted)
SNR = 80.6 dB, THD = –91.6 dB, ENOB = 13.0 bits
Figure 3. Typical FFT
SNR = 78.5 dB, THD = –89.5 dB, fIN = 100 kHz
Figure 4. Typical FFT
SNR = 76.6dB, THD = –90.6 dB, fIN = 200 kHz
Figure 5. Typical FFT
Figure 6. SNR and SINAD vs Temperature
Figure 7. SNR and SINAD vs Input Frequency
Figure 8. SNR and SINAD vs Reference Voltage (AVDD)


Similar Part No. - ADS7054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7052IRUGR TI1-ADS7052IRUGR Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7056IRUGR TI1-ADS7056IRUGR Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results

Similar Description - ADS7054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
logo
Microchip Technology
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
   1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7039-Q1 TI1-ADS7039-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com