Electronic Components Datasheet Search |
|
SB3B0 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
SB3B0 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
1 / 2 page Case: JEDEC DO-201AD molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.04 ounce, 1.10 grams FEATURES MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Dimensions in inches and (millimeters) Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.Thermal resistance from junction to ambient at 0.375 ”(9.5mm)lead length,P.C.B. mounted Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%. DO-201AD 0.220(5.6) 0.197(5.0) DIA. DIA. 1.0 (25.4) MIN. 0.375 (9.50) 0.285(7.20) 1.0 (25.4) MIN. The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Metal silicon junction,majority carrier conduction Low power loss,high efficiency High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension SB 320 SB 330 SB 350 SB 340 SB 360 SB 380 SB 370 SB 390 SB 3B0 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 VOLTS VOLTS VOLTS SYMBOLS UNITS Amps Amps Volts VRRM VRMS VDC I(AV) IFSM VF 3.0 80.0 0.70 Operating junction temperature range Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375 ”(9.5mm) lead length(see fig.1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical junction capacitance (NOTE 1) IR 0.5 R θJA CJ TJ, TSTG 40.0 250 pF C mA Typical thermal resistance (NOTE 2) C/W 100 70 100 70 49 70 90 63 90 Storage temperature range C -65 to +150 -65 to +125 -65 to +150 20.0 10.0 0.55 0.85 160 0.052 (1.3) 0.048 (1.2) SB 3200 200 140 200 SB 3150 150 105 150 0.95 0.2 2.0 MDD Catalog Number SR320 THRU SR3200 SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 3.0 Amperes www.shunyegroup.com.cn |
Similar Part No. - SB3B0 |
|
Similar Description - SB3B0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |