Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7052IRUGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7052IRUGR
Description  14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7052IRUGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7052IRUGR Datasheet HTML 6Page - Texas Instruments ADS7052IRUGR Datasheet HTML 7Page - Texas Instruments ADS7052IRUGR Datasheet HTML 8Page - Texas Instruments ADS7052IRUGR Datasheet HTML 9Page - Texas Instruments ADS7052IRUGR Datasheet HTML 10Page - Texas Instruments ADS7052IRUGR Datasheet HTML 11Page - Texas Instruments ADS7052IRUGR Datasheet HTML 12Page - Texas Instruments ADS7052IRUGR Datasheet HTML 13Page - Texas Instruments ADS7052IRUGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
fIN, Input Frequency (kHz)
0
50
100
150
200
85
88
91
94
97
100
D011
AVDD Voltage (V)
1.8
2.16
2.52
2.88
3.24
3.6
86
88
90
92
94
96
D013
AVDD Voltage (V)
1.8
2.16
2.52
2.88
3.24
3.6
-90
-88
-86
-84
-82
-80
D012
Free-Air Temperature (qC)
-40
-7
26
59
92
125
85
88
91
94
97
100
D009
Free-Air Temperature (qC)
-40
-7
26
59
92
125
-93
-91
-89
-87
-85
-83
D008
fIN, Input Frequency (kHz)
0
50
100
150
200
-96
-94
-92
-90
-88
-86
D010
10
ADS7052
SBAS858 – DECEMBER 2017
www.ti.com
Product Folder Links: ADS7052
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, DVDD = 1.8 V, fIN = 2 kHz, and fsample = 1 MSPS (unless otherwise noted)
Figure 9. THD vs Temperature
Figure 10. THD vs Input Frequency
Figure 11. THD vs Reference Voltage (AVDD)
Figure 12. SFDR vs Temperature
Figure 13. SFDR vs Input Frequency
Figure 14. SFDR vs Reference Voltage (AVDD)


Similar Part No. - ADS7052IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7054IRUGR TI1-ADS7054IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7056IRUGR TI1-ADS7056IRUGR Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results

Similar Description - ADS7052IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7046 TI1-ADS7046 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit, 3-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
logo
Microchip Technology
MCP33151-XX MICROCHIP-MCP33151-XX Datasheet
2Mb / 55P
   1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC
Revision A June 2019
MCP33131 MICROCHIP-MCP33131 Datasheet
2Mb / 54P
   1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
10/25/17
logo
Texas Instruments
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com