Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7052 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7052
Description  14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7052 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS7052 Datasheet HTML 19Page - Texas Instruments ADS7052 Datasheet HTML 20Page - Texas Instruments ADS7052 Datasheet HTML 21Page - Texas Instruments ADS7052 Datasheet HTML 22Page - Texas Instruments ADS7052 Datasheet HTML 23Page - Texas Instruments ADS7052 Datasheet HTML 24Page - Texas Instruments ADS7052 Datasheet HTML 25Page - Texas Instruments ADS7052 Datasheet HTML 26Page - Texas Instruments ADS7052 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Sample
A
Sample
A+1
tCYCLE
1
2
3
16
0
D13
Data Output for Sample A-1
0
tACQ
0
64
D0
D12
4
17
SCLK
SDO
CS
23
ADS7052
www.ti.com
SBAS858 – DECEMBER 2017
Product Folder Links: ADS7052
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
In addition to the timing specifications of Figure 39 and Table 4, the timing specifications described in Figure 2 and the Timing
Requirements table are also applicable for offset calibration during normal operation.
8.4.3.2 Offset Calibration During Normal Operation
During normal operation, the host must provide 64 SCLKs in the serial transfer frame to enter the OFFCAL state.
The device provides the conversion result for the previous sample during the first 18 SCLKs and 0's on SDO for
the rest of the SCLKs in the serial transfer frame. For acquisition of the next sample, a minimum time of tACQ
must be provided.
If the host controller provides more than 18 SCLKs but pulls the CS high before providing 64 SCLKs, then the
offset calibration process is aborted and the device enters the ACQ state. Figure 39 and Table 4 provide the
timing for offset calibration during normal operation.
Figure 39. Timing for Offset Calibration During Normal Operation
Table 4. Timing Specifications for Offset Calibration During Normal Operation(1)
MIN
TYP
MAX
UNIT
tcycle
Cycle time for offset calibration on power-up
64 × tCLK + tACQ
ns
tACQ
Acquisition time
230
ns
fSCLK
Frequency of SCLK
24
MHz


Similar Part No. - ADS7052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7054IRUGR TI1-ADS7054IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7056IRUGR TI1-ADS7056IRUGR Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results

Similar Description - ADS7052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7046 TI1-ADS7046 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit, 3-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
logo
Microchip Technology
MCP33151-XX MICROCHIP-MCP33151-XX Datasheet
2Mb / 55P
   1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC
Revision A June 2019
MCP33131 MICROCHIP-MCP33131 Datasheet
2Mb / 54P
   1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
10/25/17
logo
Texas Instruments
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com