Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1283AIRHFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1283AIRHFR
Description  High-Resolution, Analog-to-Digital Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1283AIRHFR Datasheet(HTML) 1 Page - Texas Instruments

  ADS1283AIRHFR Datasheet HTML 1Page - Texas Instruments ADS1283AIRHFR Datasheet HTML 2Page - Texas Instruments ADS1283AIRHFR Datasheet HTML 3Page - Texas Instruments ADS1283AIRHFR Datasheet HTML 4Page - Texas Instruments ADS1283AIRHFR Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Control
CLK
AVDD
AVSS
DVDD
DGND
Overrange
ADS1283
DOUT
DIN
DRDY
SCLK
SYNC
RESET
PWDN
PGA
Input 1
Input 2
VREFN VREFP
V
COM
CS
Programmable
Digital
Filter
Calibration
Serial
Interface
Control
4
th-Order
û
Modulator
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADS1283
SBAS754 – DECEMBER 2017
ADS1283 High-Resolution, Analog-to-Digital Converter
1
1 Features
1
High Resolution:
SNR: 130 dB (250 SPS, PGA = 1)
High Accuracy:
THD: –122 dB
Low Power Consumption:
18 mW (PGA = 1, 2, 4, or 8)
Shutdown Mode: 10 μW
Low-Noise PGA: 5 nV/
√Hz
Two-Channel Input Multiplexer
Inherently-Stable Modulator With Fast Responding
Overrange Detector
Flexible Digital Filter:
Sinc + FIR + IIR (Selectable)
Linear or Minimum Phase Response
Programmable High-Pass Filter
Selectable FIR Data Rates:
250 SPS to 4 kSPS
Offset and Gain Calibration Engine
SYNC Input
Analog Supply: 5 V or ±2.5 V
Digital Supply: 1.8 V to 3.3 V
2 Applications
Energy Exploration
Seismic Monitoring
High-Accuracy Instrumentation
Simplified Schematic
3 Description
The ADS1283 is an extremely high-performance,
single-chip, analog-to-digital converter (ADC) with an
integrated, low-noise programmable gain amplifier
(PGA) and two-channel input multiplexer (mux). The
ADS1283 is suitable for the demanding needs of
seismic monitoring equipment.
The converter uses a fourth-order, inherently stable,
delta-sigma (ΔΣ) modulator that provides outstanding
noise and linearity performance. The modulator digital
output is digitally filtered and decimated by the on-
chip digital filter to yield the ADC conversion result.
The flexible input mux provides an additional external
input for measurement, as well as internal self-test
input connections. The PGA features outstanding low
noise (5 nV/
√Hz) and very-high input impedance,
allowing
easy
interfacing
to
geophones
and
hydrophones over a wide range of gains.
The digital filter provides selectable data rates from
250 to 4000 samples per second (SPS). The high-
pass filter (HPF) features an adjustable corner
frequency. On-chip gain and offset scaling registers
support system calibration.
The synchronization input (SYNC) can be used to
synchronize the conversions of multiple ADS1283
devices.
The ADS1283 is available in a compact 24-lead, 5-
mm × 4-mm VQFN package, and is fully specified
from –40°C to +85°C, with a maximum operating
temperature range of –50°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS1283
VQFN (24)
5.00 mm × 4.00 mm
ADS1283A
ADS1283B
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Device Comparison
PART NUMBER
OFFSET OPTION
THD (TYP)
GAIN
ADS1283
100 mV
–122 dB
1 to 64
ADS1283A
100 mV
–118 dB
1, 4, 16
ADS1283B
75 mV, 100 mV
–122 dB
1 to 64


Similar Part No. - ADS1283AIRHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281 Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
ADS1281 TI1-ADS1281 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPW TI-ADS1281IPW Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPW TI1-ADS1281IPW Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results

Similar Description - ADS1283AIRHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com