Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7046 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7046
Description  12-Bit, 3-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7046 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS7046 Datasheet HTML 11Page - Texas Instruments ADS7046 Datasheet HTML 12Page - Texas Instruments ADS7046 Datasheet HTML 13Page - Texas Instruments ADS7046 Datasheet HTML 14Page - Texas Instruments ADS7046 Datasheet HTML 15Page - Texas Instruments ADS7046 Datasheet HTML 16Page - Texas Instruments ADS7046 Datasheet HTML 17Page - Texas Instruments ADS7046 Datasheet HTML 18Page - Texas Instruments ADS7046 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
CDAC
Comparator
SAR
Serial
Interface
Offset
Calibration
AINP
AINM
AVDD
DVDD
GND
CS
SCLK
SDO
15
ADS7046
www.ti.com
SBAS785 – DECEMBER 2016
Product Folder Links: ADS7046
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The ADS7046 device belongs to a family of pin-to-pin compatible, high-speed, low-power, single-channel
successive-approximation register (SAR) type analog-to-digital converters (ADCs). The device family includes
multiple resolutions, throughputs, and analog input variants (see Table 1 for a list of devices).
The ADS7046 is a 12-bit, 3-MSPS SAR ADC that supports a single-ended input in the range of 0 V to AVDD, for
AVDD in the range of 2.35 V to 3.6 V (see the Analog Input section for details on the analog input pins).
The internal offset calibration feature (see the OFFCAL State section) maintains excellent offset specifications
over the entire AVDD and temperature operating range.
The device supports an SPI-compatible serial interface that is controlled by the CS and SCLK signals. The input
signal is sampled with the CS falling edge and SCLK is used for both, conversion and serial data output (see the
Device Functional Modes section, Timing Requirements table, and Switching Characteristics table).
The device supports a wide digital supply range (1.65 V to 3.6 V), enabling direct interfacing to a variety of host
controllers. The ADS7046 complies with the JESD8-7A standard (see the Digital Voltage Levels section) for a
normal DVDD range (1.65 V to 1.95 V).
The ADS7046 is available in an 8-pin, small, X2QFN package (see the Mechanical, Packaging, and Orderable
Information section for more details) and is specified over the extended industrial temperature range (–40°C to
+125°C).
The small form-factor and extremely-low power consumption make this device suitable for space-constrained and
battery-powered applications that require high-speed, high-resolution data acquisition (see the Application
Information section).
8.2 Functional Block Diagram


Similar Part No. - ADS7046

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7040IDCUR TI1-ADS7040IDCUR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IDCUT TI1-ADS7040IDCUT Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IRUGR TI1-ADS7040IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
More results

Similar Description - ADS7046

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com