Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS112U04IPWR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112U04IPWR
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112U04IPWR Datasheet(HTML) 38 Page - Texas Instruments

Back Button ADS112U04IPWR Datasheet HTML 34Page - Texas Instruments ADS112U04IPWR Datasheet HTML 35Page - Texas Instruments ADS112U04IPWR Datasheet HTML 36Page - Texas Instruments ADS112U04IPWR Datasheet HTML 37Page - Texas Instruments ADS112U04IPWR Datasheet HTML 38Page - Texas Instruments ADS112U04IPWR Datasheet HTML 39Page - Texas Instruments ADS112U04IPWR Datasheet HTML 40Page - Texas Instruments ADS112U04IPWR Datasheet HTML 41Page - Texas Instruments ADS112U04IPWR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
RX
TX
DATA LSB
DATA MSB
55h
RDATA
COUNTER
RX
TX
DATA MSB
55h
RDATA
DATA LSB
55h
RREG 2h
REGISTER 2h
DRDY
RX
TX
DATA LSB
DATA MSB
55h
RDATA
38
ADS112U04
SBAS838 – JANUARY 2018
www.ti.com
Product Folder Links: ADS112U04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.5.4.1 Manual Data Read Mode
In manual data read mode, data are read by issuing the RDATA command. The ADS112U04 responds to the
RDATA command with the latest conversion data. There are three ways to monitor for new conversion data.
One way is to monitor for the falling edge of the DRDY signal. To configure the GPIO2/DRDY pin to output the
DRDY signal, the pin must be configured as an output by setting the GPIO2DIR bit in the configuration register,
and DRDY must be multiplexed to the pin by setting the GPIO2SEL bit in the configuration register.
Figure 62 shows the timing diagram for collecting data in manual data read mode using DRDY to indicate new
data.
Figure 62. Manual Data Read Mode Using DRDY (Continuous Conversion Mode)
Another way to monitor for a new conversion result is to periodically read the DRDY bit in the configuration
register. If set, the DRDY bit indicates that a new conversion result is ready for retrieval. The host can
subsequently issue an RDATA command to retrieve the data. The rate at which the host polls the ADS112U04
for new data must be at least as fast as the data rate in continuous conversion mode to prevent the host from
missing a conversion result.
If a new conversion result becomes ready during a UART transmission, the transmission is not corrupted. The
new data are loaded into the output shift register upon the following RDATA command.
Figure 63 shows the timing diagram for collecting data in manual data read mode using the DRDY bit in the
configuration register to indicate new data.
Figure 63. Manual Data Read Mode Using the RREG Command (Continuous Conversion Mode)
The last way to detect if new conversion data are available is through the use of the conversion data counter
word. In this mode, the host periodically requests data from the device using the RDATA command and checks
the conversion data counter word against the conversion data counter word read for the previous data received.
If the counter values are the same, the host can disregard the data because that data has already been
gathered. If the counter has incremented, the host records the data. The rate at which the host polls the
ADS112U04 for new data must be at least as fast as the data rate in continuous conversion mode to prevent the
host from missing a conversion result.
If a new conversion result becomes ready during a UART transmission, the transmission is not corrupted. The
new data are loaded into the output shift register after the following RDATA command.
Figure 64 shows the timing diagram for collecting data in manual data read mode using the conversion data
counter word to indicate new data.
Figure 64. Manual Data Read Mode Using the Conversion Data Counter (Continuous Conversion Mode)
The conversion data counter can be used in conjunction with the previously discussed methods of detecting new
data to ensure that the host did not miss a conversion result.


Similar Part No. - ADS112U04IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Similar Description - ADS112U04IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com