Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 7Page - Texas Instruments ADC12DJ2700 Datasheet HTML 8Page - Texas Instruments ADC12DJ2700 Datasheet HTML 9Page - Texas Instruments ADC12DJ2700 Datasheet HTML 10Page - Texas Instruments ADC12DJ2700 Datasheet HTML 11Page - Texas Instruments ADC12DJ2700 Datasheet HTML 12Page - Texas Instruments ADC12DJ2700 Datasheet HTML 13Page - Texas Instruments ADC12DJ2700 Datasheet HTML 14Page - Texas Instruments ADC12DJ2700 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 146 page
background image
11
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Measured to AGND.
(2)
Measured to DGND.
(3)
TI strongly recommends that CLK± be AC-coupled with DEVCLK_LVPECL_EN set to 0 to allow CLK± to self-bias to the optimal input
common-mode voltage for best performance. TI recommends AC-coupling for SYSREF± unless DC coupling is required, in which case,
the LVPECL input mode must be used (SYSREF_LVPECL_EN = 1).
(4)
TMSTP± does not have internal biasing that requires TMSTP± to be biased externally whether AC-coupled with TMSTP_LVPECL_EN =
0 or DC-coupled with TMSTP_LVPECL_EN = 1.
(5)
The ADC output code saturates when VID for INA± or INB± exceeds the programmed full-scale voltage (VFS) set by FS_RANGE_A for
INA± or FS_RANGE_B for INB±.
(6)
Prolonged use above this junction temperature may increase the device failure-in-time (FIT) rate.
(7)
Tested up to 1000 hours continuous operation at Tj = 125°C. See the Absolute Maximum Ratings table for the absolute maximum
operational temperature.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage range
VA19, analog 1.9-V supply(1)
1.8
1.9
2.0
V
VA11, analog 1.1-V supply(1)
1.05
1.1
1.15
VD11, digital 1.1-V supply(2)
1.05
1.1
1.15
VCMI
Input common-mode voltage
INA+, INA–, INB+, INB–(1)
–50
0
100
mV
CLK+, CLK–, SYSREF+,
SYSREF–(1)(3)
0
0.3
0.55
V
TMSTP+, TMSTP–(1)(4)
0
0.3
0.55
VID
Input voltage, peak-to-peak
differential
CLK+ to CLK–, SYSREF+ to
SYSREF–, TMSTP+ to TMSTP–
0.4
1.0
2.0
VPP-DIFF
INA+ to INA–, INB+ to INB–
1.0(5)
VIH
High-level input voltage
CALTRIG, NCOA0, NCOA1, NCOB0,
NCOB1, PD, SCLK, SCS, SDI,
SYNCSE(1)
0.7
V
VIL
Low-level input voltage
CALTRIG, NCOA0, NCOA1, NCOB0,
NCOB1, PD, SCLK, SCS, SDI,
SYNCSE(1)
0.45
V
IC_TD
Temperature diode input current
TDIODE+ to TDIODE–
100
µA
CL
BG maximum load capacitance
50
pF
IO
BG maximum output current
100
µA
DC
Input clock duty cycle
30%
50%
70%
TA
Operating free-air temperature
-40
85
ºC
Tj
Operating junction temperature
105(6)(7)
ºC
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ADC12DJ2700
UNIT
AAV (FCBGA)
144 PINS
RθJA
Junction-to-ambient thermal resistance
25.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.1
°C/W
RθJB
Junction-to-board thermal resistance
8.2
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
8.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn