Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 97 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 93Page - Texas Instruments ADC12DJ2700 Datasheet HTML 94Page - Texas Instruments ADC12DJ2700 Datasheet HTML 95Page - Texas Instruments ADC12DJ2700 Datasheet HTML 96Page - Texas Instruments ADC12DJ2700 Datasheet HTML 97Page - Texas Instruments ADC12DJ2700 Datasheet HTML 98Page - Texas Instruments ADC12DJ2700 Datasheet HTML 99Page - Texas Instruments ADC12DJ2700 Datasheet HTML 100Page - Texas Instruments ADC12DJ2700 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 146 page
background image
97
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.5.15
Timing Adjust for A-ADC, Single-Channel Mode, Foreground Calibration Register (address = 0x080) [reset
= Undefined]
Figure 117. Register (TADJ_A_FG90)
7
6
5
4
3
2
1
0
TADJ_A_FG90
R/W
Table 79. TADJ_A_FG90 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TADJ_A_FG90
R/W
Undefined
This register (and other subsequent TADJ* registers) are used
to adjust the sampling instant of each ADC core. Different TADJ
registers apply to different ADCs under different modes or
phases of background calibration. After reset, the factory-
trimmed value can be read and adjusted as required.
7.6.1.5.16
Timing Adjust for B-ADC, Single-Channel Mode, Foreground Calibration Register (address = 0x081) [reset
= Undefined]
Figure 118. Register (TADJ_B_FG0)
7
6
5
4
3
2
1
0
TADJ_B_FG0
R/W
Table 80. TADJ_B_FG0 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TADJ_B_FG0
R/W
Undefined
This register (and other subsequent TADJ* registers) are used
to adjust the sampling instant of each ADC core. Different TADJ
registers apply to different ADCs under different modes or
phases of background calibration. After reset, the factory-
trimmed value can be read and adjusted as required.
7.6.1.5.17
Timing Adjust for A-ADC, Single-Channel Mode, Background Calibration Register (address = 0x082)
[reset = Undefined]
Figure 119. Register (TADJ_A_BG90)
7
6
5
4
3
2
1
0
TADJ_A_BG90
R/W
Table 81. TADJ_B_FG0 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TADJ_A_BG90
R/W
Undefined
This register (and other subsequent TADJ* registers) are used
to adjust the sampling instant of each ADC core. Different TADJ
registers apply to different ADCs under different modes or
phases of background calibration. After reset, the factory-
trimmed value can be read and adjusted as required.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn