Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 96 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 92Page - Texas Instruments ADC12DJ2700 Datasheet HTML 93Page - Texas Instruments ADC12DJ2700 Datasheet HTML 94Page - Texas Instruments ADC12DJ2700 Datasheet HTML 95Page - Texas Instruments ADC12DJ2700 Datasheet HTML 96Page - Texas Instruments ADC12DJ2700 Datasheet HTML 97Page - Texas Instruments ADC12DJ2700 Datasheet HTML 98Page - Texas Instruments ADC12DJ2700 Datasheet HTML 99Page - Texas Instruments ADC12DJ2700 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 146 page
background image
96
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.5.12
Band-Gap Reference Trim Register (address = 0x07C) [reset = Undefined]
Figure 114. Band-Gap Reference Trim Register (BG_TRIM)
7
6
5
4
3
2
1
0
RESERVED
BG_TRIM
R/W-0000
R/W
Table 76. BG_TRIM Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0000
RESERVED
3-0
BG_TRIM
R/W
Undefined
This register enables the internal band-gap reference to be
trimmed. After reset, the factory-trimmed value can be read and
adjusted as required.
7.6.1.5.13
VINA Input Resistor Trim Register (address = 0x07E) [reset = Undefined]
Figure 115. VINA Input Resistor Trim Register (RTRIM_A)
7
6
5
4
3
2
1
0
RTRIM
R/W
Table 77. RTRIM_A Field Descriptions
Bit
Field
Type
Reset
Description
7-0
RTRIM_A
R/W
Undefined
This register controls the VINA ADC input termination trim. After
reset, the factory-trimmed value can be read and adjusted as
required.
7.6.1.5.14
VINB Input Resistor Trim Register (address = 0x07F) [reset = Undefined]
Figure 116. VINB Input Resistor Trim Register (RTRIM_B)
7
6
5
4
3
2
1
0
RTRIM
R/W
Table 78. RTRIM_B Field Descriptions
Bit
Field
Type
Reset
Description
7-0
RTRIM_B
R/W
Undefined
This register controls the VINB ADC input termination trim. After
reset, the factory-trimmed value can be read and adjusted as
required.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn