Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 95 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 91Page - Texas Instruments ADC12DJ2700 Datasheet HTML 92Page - Texas Instruments ADC12DJ2700 Datasheet HTML 93Page - Texas Instruments ADC12DJ2700 Datasheet HTML 94Page - Texas Instruments ADC12DJ2700 Datasheet HTML 95Page - Texas Instruments ADC12DJ2700 Datasheet HTML 96Page - Texas Instruments ADC12DJ2700 Datasheet HTML 97Page - Texas Instruments ADC12DJ2700 Datasheet HTML 98Page - Texas Instruments ADC12DJ2700 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 146 page
background image
95
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.5.9
Calibration Data Register (address = 0x071) [reset = Undefined]
Figure 111. Calibration Data Register (CAL_DATA)
7
6
5
4
3
2
1
0
CAL_DATA
R/W
Table 73. CAL_DATA Field Descriptions
Bit
Field
Type
Reset
Description
7-0
CAL_DATA
R/W
Undefined
After setting CAL_DATA_EN, repeated reads of this register
return all calibration values for the ADCs. Repeated writes of this
register input all calibration values for the ADCs. To read the
calibration data, read the register 673 times. To write the vector,
write the register 673 times with previously stored calibration
data.
To speed up the read/write operation, set ADDR_HOLD = 1 and
use the streaming read or write process.
Accessing the CAL_DATA register when CAL_STOPPED = 0
corrupts the calibration. Also, stopping the process before
reading or writing 673 times leaved the calibration data in an
invalid state.
7.6.1.5.10
Channel A Gain Trim Register (address = 0x07A) [reset = Undefined]
Figure 112. Channel A Gain Trim Register (GAIN_TRIM_A)
7
6
5
4
3
2
1
0
GAIN_TRIM_A
R/W
Table 74. GAIN_TRIM_A Field Descriptions
Bit
Field
Type
Reset
Description
7-0
GAIN_TRIM_A
R/W
Undefined
This register enables gain trim of channel A. After reset, the
factory-trimmed value can be read and adjusted as required.
7.6.1.5.11
Channel B Gain Trim Register (address = 0x07B) [reset = Undefined]
Figure 113. Channel B Gain Trim Register (GAIN_TRIM_B)
7
6
5
4
3
2
1
0
GAIN_TRIM_B
R/W
Table 75. GAIN_TRIM_B Field Descriptions
Bit
Field
Type
Reset
Description
7-0
GAIN_TRIM_B
R/W
Undefined
This register enables gain trim of channel B. After reset, the
factory-trimmed value can be read and adjusted as required.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn