Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 93 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 89Page - Texas Instruments ADC12DJ2700 Datasheet HTML 90Page - Texas Instruments ADC12DJ2700 Datasheet HTML 91Page - Texas Instruments ADC12DJ2700 Datasheet HTML 92Page - Texas Instruments ADC12DJ2700 Datasheet HTML 93Page - Texas Instruments ADC12DJ2700 Datasheet HTML 94Page - Texas Instruments ADC12DJ2700 Datasheet HTML 95Page - Texas Instruments ADC12DJ2700 Datasheet HTML 96Page - Texas Instruments ADC12DJ2700 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 146 page
background image
93
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.5.4
Calibration Status Register (address = 0x06A) [reset = Undefined]
Figure 106. Calibration Status Register (CAL_STATUS)
7
6
5
4
3
2
1
0
RESERVED
CAL_STOPPED
FG_DONE
R
R
R
Table 68. CAL_STATUS Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R
RESERVED
1
CAL_STOPPED
R
This bit returns a 1 when the background calibration has
successfully stopped at the requested phase. This bit returns a 0
when calibration starts operating again. If background calibration
is disabled, this bit is set when foreground calibration is
completed or skipped.
0
FG_DONE
R
This bit is set high when the foreground calibration completes.
7.6.1.5.5
Calibration Pin Configuration Register (address = 0x06B) [reset = 0x00]
Figure 107. Calibration Pin Configuration Register (CAL_PIN_CFG)
7
6
5
4
3
2
1
0
RESERVED
CAL_STATUS_SEL
CAL_TRIG_EN
R/W-0000 0
R/W-00
R/W-0
Table 69. CAL_PIN_CFG Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R/W
0000 0
RESERVED
2-1
CAL_STATUS_SEL
R/W
00
0: CALSTAT output pin matches FG_DONE
1: RESERVED
2: CALSTAT output pin matches ALARM
3: CALSTAT output pin is always low
0
CAL_TRIG_EN
R/W
0
Choose the hardware or software trigger source with this bit.
0: Use the CAL_SOFT_TRIG register for the calibration trigger;
the CAL_TRIG input is disabled (ignored)
1: Use the CAL_TRIG input for the calibration trigger; the
CAL_SOFT_TRIG register is ignored
7.6.1.5.6
Calibration Software Trigger Register (address = 0x06C) [reset = 0x01]
Figure 108. Calibration Software Trigger Register (CAL_SOFT_TRIG)
7
6
5
4
3
2
1
0
RESERVED
CAL_SOFT_TRIG
R/W-0000 000
R/W-1
Table 70. CAL_SOFT_TRIG Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
0000 000
RESERVED
0
CAL_SOFT_TRIG
R/W
1
CAL_SOFT_TRIG is a software bit to provide functionality of the
CAL_TRIG input. Program CAL_TRIG_EN = 0 to use
CAL_SOFT_TRIG for the calibration trigger. If no calibration
trigger is needed, leave CAL_TRIG_EN = 0 and
CAL_SOFT_TRIG = 1 (trigger is set high).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn