Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 90 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 86Page - Texas Instruments ADC12DJ2700 Datasheet HTML 87Page - Texas Instruments ADC12DJ2700 Datasheet HTML 88Page - Texas Instruments ADC12DJ2700 Datasheet HTML 89Page - Texas Instruments ADC12DJ2700 Datasheet HTML 90Page - Texas Instruments ADC12DJ2700 Datasheet HTML 91Page - Texas Instruments ADC12DJ2700 Datasheet HTML 92Page - Texas Instruments ADC12DJ2700 Datasheet HTML 93Page - Texas Instruments ADC12DJ2700 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 146 page
background image
90
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.5 Calibration Registers (0x060 to 0x0FF)
Table 64. Calibration Registers
ADDRESS
RESET
ACRONYM
REGISTER NAME
SECTION
0x060
0x01
INPUT_MUX
Input Mux Control Register
Input Mux Control Register (address = 0x060) [reset =
0x01]
0x061
0x01
CAL_EN
Calibration Enable Register
Calibration Enable Register (address = 0x061) [reset =
0x01]
0x062
0x01
CAL_CFG0
Calibration Configuration 0 Register
Calibration Configuration 0 Register (address = 0x062)
[reset = 0x01]
0x063-0x069
Undefined
RESERVED
RESERVED
0x06A
Undefined
CAL_STATUS
Calibration Status Register
Calibration Status Register (address = 0x06A) [reset =
Undefined]
0x06B
0x00
CAL_PIN_CFG
Calibration Pin Configuration
Register
Calibration Pin Configuration Register (address = 0x06B)
[reset = 0x00]
0x06C
0x01
CAL_SOFT_TRIG
Calibration Software Trigger Register
Calibration Software Trigger Register (address = 0x06C)
[reset = 0x01]
0x06D
Undefined
RESERVED
RESERVED
0x06E
0x88
CAL_LP
Low-Power Background Calibration
Register
Low-Power Background Calibration Register (address =
0x06E) [reset = 0x88]
0x06F
Undefined
RESERVED
RESERVED
0x070
0x00
CAL_DATA_EN
Calibration Data Enable Register
Calibration Data Enable Register (address = 0x070) [reset
= 0x00]
0x071
Undefined
CAL_DATA
Calibration Data Register
Calibration Data Register (address = 0x071) [reset =
Undefined]
0x072-0x079
Undefined
RESERVED
RESERVED
0x07A
Undefined
GAIN_TRIM_A
Channel A Gain Trim Register
Channel A Gain Trim Register (address = 0x07A) [reset =
Undefined]
0x07B
Undefined
GAIN_TRIM_B
Channel B Gain Trim Register
Channel B Gain Trim Register (address = 0x07B) [reset =
Undefined]
0x07C
Undefined
BG_TRIM
Band-Gap Reference Trim Register
Band-Gap Reference Trim Register (address = 0x07C)
[reset = Undefined]
0x07D
Undefined
RESERVED
RESERVED
0x07E
Undefined
RTRIM_A
VINA Input Resistor Trim Register
VINA Input Resistor Trim Register (address = 0x07E)
[reset = Undefined]
0x07F
Undefined
RTRIM_B
VINB Input Resistor Trim Register
VINB Input Resistor Trim Register (address = 0x07F)
[reset = Undefined]
0x080
Undefined
TADJ_A_FG90
Timing Adjustment for A-ADC,
Single-Channel Mode, Foreground
Calibration Register
Timing Adjust for A-ADC, Single-Channel Mode,
Foreground Calibration Register (address = 0x080) [reset
= Undefined]
0x081
Undefined
TADJ_B_FG0
Timing Adjustment for B-ADC,
Single-Channel Mode, Foreground
Calibration Register
Timing Adjust for B-ADC, Single-Channel Mode,
Foreground Calibration Register (address = 0x081) [reset
= Undefined]
0x082
Undefined
TADJ_A_BG90
Timing Adjustment for A-ADC,
Single-Channel Mode, Background
Calibration Register
Timing Adjust for A-ADC, Single-Channel Mode,
Background Calibration Register (address = 0x082) [reset
= Undefined]
0x083
Undefined
TADJ_C_BG0
Timing Adjustment for C-ADC,
Single-Channel Mode, Background
Calibration Register
Timing Adjust for C-ADC, Single-Channel Mode,
Background Calibration Register (address = 0x084) [reset
= Undefined]
0x084
Undefined
TADJ_C_BG90
Timing Adjustment for C-ADC,
Single-Channel Mode, Background
Calibration Register
Timing Adjust for C-ADC, Single-Channel Mode,
Background Calibration Register (address = 0x084) [reset
= Undefined]
0x085
Undefined
TADJ_B_BG0
Timing Adjustment for B-ADC,
Single-Channel Mode, Background
Calibration Register
Timing Adjust for B-ADC, Single-Channel Mode,
Background Calibration Register (address = 0x085) [reset
= Undefined]
0x086
Undefined
TADJ_A
Timing Adjustment for A-ADC, Dual-
Channel Mode Register
Timing Adjust for A-ADC, Dual-Channel Mode Register
(address = 0x086) [reset = Undefined]
0x087
Undefined
TADJ_CA
Timing Adjustment for C-ADC Acting
for A-ADC, Dual-Channel Mode
Register
Timing Adjust for C-ADC Acting for A-ADC, Dual-Channel
Mode Register (address = 0x087) [reset = Undefined]
0x088
Undefined
TADJ_CB
Timing Adjustment for C-ADC Acting
for B-ADC, Dual-Channel Mode
Register
Timing Adjust for C-ADC Acting for B-ADC, Dual-Channel
Mode Register (address = 0x088) [reset = Undefined]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn