Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 5Page - Texas Instruments ADC12DJ2700 Datasheet HTML 6Page - Texas Instruments ADC12DJ2700 Datasheet HTML 7Page - Texas Instruments ADC12DJ2700 Datasheet HTML 8Page - Texas Instruments ADC12DJ2700 Datasheet HTML 9Page - Texas Instruments ADC12DJ2700 Datasheet HTML 10Page - Texas Instruments ADC12DJ2700 Datasheet HTML 11Page - Texas Instruments ADC12DJ2700 Datasheet HTML 12Page - Texas Instruments ADC12DJ2700 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 146 page
background image
9
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
L10
DB6+
O
High-speed serialized data output for channel B, lane 6, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential termination
at the receiver. This pin can be left disconnected if not used. For information regarding reliable
serializer operation, see footnote (1) in the Pin Functions table.
L11
DB6–
O
High-speed serialized data output for channel B, lane 6, negative connection. This pin can be left
disconnected if not used. For information regarding reliable serializer operation, see footnote (1) in
the Pin Functions table.
L12
DGND
Digital supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit
board.
M1, M2, M3
AGND
Analog supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit
board.
M4
INB+
I
Channel B analog input positive connection. The differential full-scale input voltage is determined
by the FS_RANGE_B register (see the Full-Scale Voltage (VFS) Adjustment section). This input
is terminated to ground through a 50-Ω termination resistor. The input common-mode voltage
must typically be set to 0 V (GND) and must follow the recommendations in the Recommended
Operating Conditions table. This pin can be left disconnected if not used. Using INA± is
recommended in single-channel mode for optimized performance.
M5
INB–
I
Channel B analog input negative connection. See INB+ for detailed description. This input is
terminated to ground through a 50-Ω termination resistor. This pin can be left disconnected if not
used.
M6, M7
AGND
Analog supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit
board.
M8
DB3+
O
High-speed serialized data output for channel B, lane 3, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential termination
at the receiver. This pin can be left disconnected if not used. For information regarding reliable
serializer operation, see footnote (1) in the Pin Functions table.
M9
DB3–
O
High-speed serialized data output for channel B, lane 3, negative connection. This pin can be left
disconnected if not used. For information regarding reliable serializer operation, see footnote (1) in
the Pin Functions table.
M10
DB2+
O
High-speed serialized data output for channel B, lane 2, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential termination
at the receiver. This pin can be left disconnected if not used. For information regarding reliable
serializer operation, see footnote (1) in the Pin Functions table.
M11
DB2–
O
High-speed serialized data output for channel B, lane 2, negative connection. This pin can be left
disconnected if not used. For information regarding reliable serializer operation, see footnote (1) in
the Pin Functions table.
M12
DGND
Digital supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit
board.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn