Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 87 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 83Page - Texas Instruments ADC12DJ2700 Datasheet HTML 84Page - Texas Instruments ADC12DJ2700 Datasheet HTML 85Page - Texas Instruments ADC12DJ2700 Datasheet HTML 86Page - Texas Instruments ADC12DJ2700 Datasheet HTML 87Page - Texas Instruments ADC12DJ2700 Datasheet HTML 88Page - Texas Instruments ADC12DJ2700 Datasheet HTML 89Page - Texas Instruments ADC12DJ2700 Datasheet HTML 90Page - Texas Instruments ADC12DJ2700 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 146 page
background image
87
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.3.2
Clock Control Register 1 (address = 0x02A) [reset = 0x00]
Figure 96. Clock Control Register 1 (CLK_CTRL1)
7
6
5
4
3
2
1
0
RESERVED
DEVCLK_LVPECL_EN
SYSREF_LVPECL_EN
SYSREF_INVERTED
R/W-0010 0
R/W-0
R/W-0
R/W-0
Table 56. CLK_CTRL1 Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R/W
0010 0
RESERVED
2
DEVCLK_LVPECL_EN
R/W
0
Activate low-voltage PECL mode for DEVCLK.
1
SYSREF_LVPECL_EN
R/W
0
Activate low-voltage PECL mode for SYSREF.
0
SYSREF_INVERTED
R/W
0
Inverts the SYSREF signal used for alignment.
7.6.1.3.3
SYSREF Capture Position Register (address = 0x02C-0x02E) [reset = Undefined]
Figure 97. SYSREF Capture Position Register (SYSREF_POS)
23
22
21
20
19
18
17
16
SYSREF_POS[23:16]
R-Undefined
15
14
13
12
11
10
9
8
SYSREF_POS[15:8]
R-Undefined
7
6
5
4
3
2
1
0
SYSREF_POS[7:0]
R-Undefined
Table 57. SYSREF_POS Field Descriptions
Bit
Field
Type
Reset
Description
23-0
SYSREF_POS
R
Undefined
This field returns a 24-bit status value that indicates the position
of the SYSREF edge with respect to DEVCLK. Use this field to
program SYSREF_SEL.
7.6.1.3.4
INA Full-Scale Range Adjust Register (address = 0x030-0x031) [reset = 0xA000]
Figure 98. INA Full-Scale Range Adjust Register (FS_RANGE_A)
15
14
13
12
11
10
9
8
FS_RANGE_A[15:8]
R/W-0xA0h
7
6
5
4
3
2
1
0
FS_RANGE_A[7:0]
R/W-0x00h
Table 58. FS_RANGE_A Field Descriptions
Bit
Field
Type
Reset
Description
15-0
FS_RANGE_A
R/W
0xA000h
This field enables adjustment of the analog full-scale range for
INA.
0x0000: Settings below 0x2000 may result in degraded device
performance
0x2000: 500 mVPP - Recommended minimum setting
0xA000: 800 mVPP (default)
0xFFFF: 1000 mVPP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn