Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 83 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 79Page - Texas Instruments ADC12DJ2700 Datasheet HTML 80Page - Texas Instruments ADC12DJ2700 Datasheet HTML 81Page - Texas Instruments ADC12DJ2700 Datasheet HTML 82Page - Texas Instruments ADC12DJ2700 Datasheet HTML 83Page - Texas Instruments ADC12DJ2700 Datasheet HTML 84Page - Texas Instruments ADC12DJ2700 Datasheet HTML 85Page - Texas Instruments ADC12DJ2700 Datasheet HTML 86Page - Texas Instruments ADC12DJ2700 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 146 page
background image
83
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1 Register Descriptions
7.6.1.1 Standard SPI-3.0 (0x000 to 0x00F)
Table 45. Standard SPI-3.0 Registers
ADDRESS
RESET
ACRONYM
REGISTER NAME
SECTION
0x000
0x30
CONFIG_A
Configuration A Register
Configuration A Register (address = 0x000) [reset = 0x30]
0x001
Undefined
RESERVED
RESERVED
0x002
0x00
DEVICE_CONFIG
Device Configuration Register
Device Configuration Register (address = 0x002) [reset =
0x00]
0x003
0x03
CHIP_TYPE
Chip Type Register
Chip Type Register (address = 0x003) [reset = 0x03]
0x004-0x005
0x0020
CHIP_ID
Chip ID Registers
Chip ID Register (address = 0x004 to 0x005) [reset =
0x0020]
0x006
0x0A
CHIP_VERSION
Chip Version Register
Chip Version Register (address = 0x006) [reset = 0x01]
0x007-0x00B
Undefined
RESERVED
RESERVED
0x00C-0x00D
0x0451
VENDOR_ID
Vendor Identification Register
Vendor Identification Register (address = 0x00C to
0x00D) [reset = 0x0451]
0x00E-0x00F
Undefined
RESERVED
RESERVED
7.6.1.1.1
Configuration A Register (address = 0x000) [reset = 0x30]
Figure 88. Configuration A Register (CONFIG_A)
7
6
5
4
3
2
1
0
SOFT_RESET
RESERVED
ADDR_ASC
SDO_ACTIVE
RESERVED
R/W-0
R-0
R/W-1
R-1
R-0000
Table 46. CONFIG_A Field Descriptions
Bit
Field
Type
Reset
Description
7
SOFT_RESET
R/W
0
Setting this bit results in a full reset of the device. This bit is self-
clearing. After writing this bit, the device may take up to 750 ns
to reset. During this time, do not perform any SPI transactions.
6
RESERVED
R
0
RESERVED
5
ADDR_ASC
R/W
1
0: Descend – decrement address while streaming reads/writes
1: Ascend – increment address while streaming reads/writes
(default)
4
SDO_ACTIVE
R
1
Always returns 1, indicating that the device always uses 4-wire
SPI mode.
3-0
RESERVED
R
0000
RESERVED


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn