Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 81 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 77Page - Texas Instruments ADC12DJ2700 Datasheet HTML 78Page - Texas Instruments ADC12DJ2700 Datasheet HTML 79Page - Texas Instruments ADC12DJ2700 Datasheet HTML 80Page - Texas Instruments ADC12DJ2700 Datasheet HTML 81Page - Texas Instruments ADC12DJ2700 Datasheet HTML 82Page - Texas Instruments ADC12DJ2700 Datasheet HTML 83Page - Texas Instruments ADC12DJ2700 Datasheet HTML 84Page - Texas Instruments ADC12DJ2700 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 146 page
background image
81
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Register Maps (continued)
Memory Map (continued)
ADDRESS
RESET
ACRONYM
TYPE
REGISTER NAME
0x205
0x00
JTEST
R/W
JESD204B Test Pattern Control Register
0x206
0x00
DID
R/W
JESD204B DID Parameter Register
0x207
0x00
FCHAR
R/W
JESD204B Frame Character Register
0x208
Undefined
JESD_STATUS
R/W
JESD204B, System Status Register
0x209
0x00
PD_CH
R/W
JESD204B Channel Power-Down
0x20A
0x00
JEXTRA_A
R/W
JESD204B Extra Lane Enable (Link A)
0x20B
0x00
JEXTRA_B
R/W
JESD204B Extra Lane Enable (Link B)
0x20C-0x20F
Undefined
RESERVED
R
RESERVED
DIGITAL DOWN CONVERTER REGISTERS (0x210-0x2AF)
0x210
0x00
DDC_CFG
R/W
DDC Configuration Register
0x211
0xF2
OVR_T0
R/W
Overrange Threshold 0 Register
0x212
0xAB
OVR_T1
R/W
Overrange Threshold 1 Register
0x213
0x07
OVR_CFG
R/W
Overrange Configuration Register
0x214
0x00
CMODE
R/W
DDC Configuration Preset Mode Register
0x215
0x00
CSEL
R/W
DDC Configuration Preset Select Register
0x216
0x02
DIG_BIND
R/W
Digital Channel Binding Register
0x217-0x218
0x0000
NCO_RDIV
R/W
Rational NCO Reference Divisor Register
0x219
0x02
NCO_SYNC
R/W
NCO Synchronization Register
0x21A-0x21F
Undefined
RESERVED
R
RESERVED
0x220-0x223
0xC0000000
FREQA0
R/W
NCO Frequency (DDC A Preset 0)
0x224-0x225
0x0000
PHASEA0
R/W
NCO Phase (DDC A Preset 0)
0x226-0x227
Undefined
RESERVED
R
RESERVED
0x228-0x22B
0xC0000000
FREQA1
R/W
NCO Frequency (DDC A Preset 1)
0x22C-0x22D
0x0000
PHASEA1
R/W
NCO Phase (DDC A Preset 1)
0x22E-0x22F
Undefined
RESERVED
R
RESERVED
0x230-0x233
0xC0000000
FREQA2
R/W
NCO Frequency (DDC A Preset 2)
0x234-0x235
0x0000
PHASEA2
R/W
NCO Phase (DDC A Preset 2)
0x236-0x237
Undefined
RESERVED
R
RESERVED
0x238-0x23B
0xC0000000
FREQA3
R/W
NCO Frequency (DDC A Preset 3)
0x23C-0x23D
0x0000
PHASEA3
R/W
NCO Phase (DDC A Preset 3)
0x23E-0x23F
Undefined
RESERVED
R
RESERVED
0x240-0x243
0xC0000000
FREQB0
R/W
NCO Frequency (DDC B Preset 0)
0x244-0x245
0x0000
PHASEB0
R/W
NCO Phase (DDC B Preset 0)
0x246-0x247
Undefined
RESERVED
R
RESERVED
0x248-0x24B
0xC0000000
FREQB1
R/W
NCO Frequency (DDC B Preset 1)
0x24C-0x24D
0x0000
PHASEB1
R/W
NCO Phase (DDC B Preset 1)
0x24E-0x24F
Undefined
RESERVED
R
RESERVED
0x250-0x253
0xC0000000
FREQB2
R/W
NCO Frequency (DDC B Preset 2)
0x254-0x255
0x0000
PHASEB2
R/W
NCO Phase (DDC B Preset 2)
0x256-0x257
Undefined
RESERVED
R
RESERVED
0x258-0x25B
0xC0000000
FREQB3
R/W
NCO Frequency (DDC B Preset 3)
0x25C-0x25D
0x0000
PHASEB3
R/W
NCO Phase (DDC B Preset 3)
0x25E-0x296
Undefined
RESERVED
R
RESERVED
0x297
Undefined
SPIN_ID
R
Spin Identification Value
0x298-0x2AF
Undefined
RESERVED
R
RESERVED


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn