Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 79 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 75Page - Texas Instruments ADC12DJ2700 Datasheet HTML 76Page - Texas Instruments ADC12DJ2700 Datasheet HTML 77Page - Texas Instruments ADC12DJ2700 Datasheet HTML 78Page - Texas Instruments ADC12DJ2700 Datasheet HTML 79Page - Texas Instruments ADC12DJ2700 Datasheet HTML 80Page - Texas Instruments ADC12DJ2700 Datasheet HTML 81Page - Texas Instruments ADC12DJ2700 Datasheet HTML 82Page - Texas Instruments ADC12DJ2700 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 146 page
background image
79
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Register Maps (continued)
Memory Map (continued)
ADDRESS
RESET
ACRONYM
TYPE
REGISTER NAME
MISCELLANEOUS ANALOG REGISTERS (0x020 to 0x047)
0x020-0x028
Undefined
RESERVED
R
RESERVED
0x029
0x00
CLK_CTRL0
R/W
Clock Control Register 0
0x02A
0x20
CLK_CTRL1
R/W
Clock Control Register 1
0x02B
Undefined
RESERVED
R
RESERVED
0x02C-0x02E
Undefined
SYSREF_POS
R
SYSREF Capture Position Register
0x02F
Undefined
RESERVED
R
RESERVED
0x030-0x031
0xA000
FS_RANGE_A
R/W
INA Full-Scale Range Adjust Register
0x032-0x033
0xA000
FS_RANGE_B
R/W
INB Full-Scale Range Adjust Register
0x034-0x037
Undefined
RESERVED
R
RESERVED
0x038
0x00
BG_BYPASS
R/W
Internal Reference Bypass Register
0x039-0x03A
Undefined
RESERVED
R
RESERVED
0x03B
0x00
TMSTP_CTRL
R/W
TMSTP± Control Register
0x03C-0x047
Undefined
RESERVED
R
RESERVED
SERIALIZER REGISTERS (0x048 to 0x05F)
0x048
0x00
SER_PE
R/W
Serializer Pre-Emphasis Control Register
0x049-0x05F
Undefined
RESERVED
R
RESERVED
CALIBRATION REGISTERS (0x060 to 0x0FF)
0x060
0x01
INPUT_MUX
R/W
Input Mux Control Register
0x061
0x01
CAL_EN
R/W
Calibration Enable Register
0x062
0x01
CAL_CFG0
R/W
Calibration Configuration 0 Register
0x063-0x069
Undefined
RESERVED
R
RESERVED
0x06A
Undefined
CAL_STATUS
R
Calibration Status Register
0x06B
0x00
CAL_PIN_CFG
R/W
Calibration Pin Configuration Register
0x06C
0x01
CAL_SOFT_TRIG
R/W
Calibration Software Trigger Register
0x06D
Undefined
RESERVED
R
RESERVED
0x06E
0x88
CAL_LP
R/W
Low-Power Background Calibration Register
0x06F
Undefined
RESERVED
R
RESERVED
0x070
0x00
CAL_DATA_EN
R/W
Calibration Data Enable Register
0x071
Undefined
CAL_DATA
R/W
Calibration Data Register
0x072-0x079
Undefined
RESERVED
R
RESERVED
0x07A
Undefined
GAIN_TRIM_A
R/W
Channel A Gain Trim Register
0x07B
Undefined
GAIN_TRIM_B
R/W
Channel B Gain Trim Register
0x07C
Undefined
BG_TRIM
R/W
Band-Gap Reference Trim Register
0x07D
Undefined
RESERVED
R
RESERVED
0x07E
Undefined
RTRIM_A
R/W
VINA Input Resistor Trim Register
0x07F
Undefined
RTRIM_B
R/W
VINB Input Resistor Trim Register
0x080
Undefined
TADJ_A_FG90
R/W
Timing Adjustment for A-ADC, Single-Channel Mode,
Foreground Calibration Register
0x081
Undefined
TADJ_B_FG0
R/W
Timing Adjustment for B-ADC, Single-Channel Mode,
Foreground Calibration Register
0x082
Undefined
TADJ_A_BG90
R/W
Timing Adjustment for A-ADC, Single-Channel Mode,
Background Calibration Register
0x083
Undefined
TADJ_C_BG0
R/W
Timing Adjustment for C-ADC, Single-Channel Mode,
Background Calibration Register
0x084
Undefined
TADJ_C_BG90
R/W
Timing Adjustment for C-ADC, Single-Channel Mode,
Background Calibration Register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn