Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12DJ2700 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 70 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 66Page - Texas Instruments ADC12DJ2700 Datasheet HTML 67Page - Texas Instruments ADC12DJ2700 Datasheet HTML 68Page - Texas Instruments ADC12DJ2700 Datasheet HTML 69Page - Texas Instruments ADC12DJ2700 Datasheet HTML 70Page - Texas Instruments ADC12DJ2700 Datasheet HTML 71Page - Texas Instruments ADC12DJ2700 Datasheet HTML 72Page - Texas Instruments ADC12DJ2700 Datasheet HTML 73Page - Texas Instruments ADC12DJ2700 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 146 page
background image
ADC
JESD204B
TRANSPORT
LAYER
SCRAMBLER
(Optional)
JESD204B
LINK
LAYER
JESD204B
TX
8b/10b
ENCODER
ADC
JESD204B Block
Long/Short Transport
Octet Ramp
Test Mode Enable
Repeated ILA
Modified RPAT
Test Mode Enable
PRBS
D21.5
K28.5
Serial Outputs High/Low
Test Mode Enable
Active Lanes and
Serial Rates
Set by JMODE
70
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 84. Test Mode Insertion Points
7.4.5.2 PRBS Test Modes
The PRBS test modes bypass the 8b, 10b encoder. These test modes produce pseudo-random bit streams that
comply with the ITU-T O.150 specification. These bit streams are used with lab test equipment that can self-
synchronize to the bit pattern and, therefore, the initial phase of the pattern is not defined.
The sequences are defined by a recursive equation. For example, Equation 10 defines the PRBS7 sequence.
y[n] = y[n – 6]
⊕y[n – 7]
where
bit n is the XOR of bit [n – 6] and bit [n – 7], which are previously transmitted bits
(10)
Table 39 lists equations and sequence lengths for the available PRBS test modes. The initial phase of the
pattern is unique for each lane.
Table 39. PBRS Mode Equations
PRBS TEST MODE
SEQUENCE
SEQUENCE LENGTH (bits)
PRBS7
y[n] = y[n – 6]
⊕y[n – 7]
127
PRBS15
y[n] = y[n – 14]
⊕y[n – 15]
32767
PRBS23
y[n] = y[n – 18]
⊕y[n – 23]
8388607
7.4.5.3 Ramp Test Mode
In the ramp test mode, the JESD204B link layer operates normally, but the transport layer is disabled and the
input from the formatter is ignored. After the ILA sequence, each lane transmits an identical octet stream that
increments from 0x00 to 0xFF and repeats.
7.4.5.4 Short and Long Transport Test Mode
JESD204B defines both short and long transport test modes to verify that the transport layers in the transmitter
and receiver are operating correctly. The ADC12DJ2700 has three different transport layer test patterns
depending on the N' value of the specified JMODE (see Table 19).


Similar Part No. - ADC12DJ2700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI-ADC12DJ2700 Datasheet
5Mb / 199P
[Old version datasheet]   ADC12DJ4000RF 8-GSPS Single-Channel or 4-GSPS Dual-Channel, 12-bit, RFSampling Analog-to-Digital Converter (ADC)
ADC12DJ2700AAV TI1-ADC12DJ2700AAV Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700AAVT TI1-ADC12DJ2700AAVT Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700ZEG TI1-ADC12DJ2700ZEG Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results

Similar Description - ADC12DJ2700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ2700 TI1-ADC12DJ2700_V01 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI-ADC12DJ5200RF_V01 Datasheet
7Mb / 207P
[Old version datasheet]   ADC12DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200-SP TI-ADC12DJ5200-SP_V02 Datasheet
7Mb / 208P
[Old version datasheet]   ADC12DJ5200-SP 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com