Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 68 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 64Page - Texas Instruments ADC12DJ2700 Datasheet HTML 65Page - Texas Instruments ADC12DJ2700 Datasheet HTML 66Page - Texas Instruments ADC12DJ2700 Datasheet HTML 67Page - Texas Instruments ADC12DJ2700 Datasheet HTML 68Page - Texas Instruments ADC12DJ2700 Datasheet HTML 69Page - Texas Instruments ADC12DJ2700 Datasheet HTML 70Page - Texas Instruments ADC12DJ2700 Datasheet HTML 71Page - Texas Instruments ADC12DJ2700 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 146 page
background image
68
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 37. JMODE 17 (8-bit, Decimate-by-1, Single-Channel, 16 lanes)
OCTET
0
NIBBLE
0
1
DA0
S0
DA1
S2
DA2
S4
DA3
S6
DA4
S8
DA5
S10
DA6
S12
DA7
S14
DB0
S1
DB1
S3
DB2
S5
DB3
S7
DB4
S9
DB5
S11
DB6
S13
DB7
S15
Table 38. JMODE 18 (8-Bit, Decimate-by-1, Dual-Channel, 16 Lanes)
OCTET
0
NIBBLE
0
1
DA0
A0
DA1
A1
DA2
A2
DA3
A3
DA4
A4
DA5
A5
DA6
A6
DA7
A7
DB0
B0
DB1
B1
DB2
B2
DB3
B3
DB4
B4
DB5
B5
DB6
B6
DB7
B7
7.4.3.2 Dual DDC and Redundant Data Mode
When operating in dual-channel mode, the data from one channel can be routed to both digital down-converter
blocks by using DIG_BIND_A or DIG_BIND_B (see the digital channel binding register). This feature enables
down-conversion of two separate captured bands from a single ADC channel. The second ADC can be powered
down in this mode by setting PD_ACH or PD_BCH (see the device configuration register).
Additionally, DIG_BIND_A or DIG_BIND_B can be used to provide redundant data to separate digital processors
by routing data from one ADC channel to both JESD204B links. Redundant data mode is available for all JMODE
modes except for the single-channel modes. Both dual DDC mode and redundant data mode are demonstrated
in Figure 83 where the data for ADC channel A is routed to both DDCs and then transmitted to a single
processor or two processors (for redundancy).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn