Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 48Page - Texas Instruments ADC12DJ2700 Datasheet HTML 49Page - Texas Instruments ADC12DJ2700 Datasheet HTML 50Page - Texas Instruments ADC12DJ2700 Datasheet HTML 51Page - Texas Instruments ADC12DJ2700 Datasheet HTML 52Page - Texas Instruments ADC12DJ2700 Datasheet HTML 53Page - Texas Instruments ADC12DJ2700 Datasheet HTML 54Page - Texas Instruments ADC12DJ2700 Datasheet HTML 55Page - Texas Instruments ADC12DJ2700 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 146 page
background image
Normalized Frequency (Fs)
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
h16c
Passband
Transition Band
Aliasing Band
Normalized Frequency (Fs)
0
0.005
0.01
0.015
0.02
0.025
0.03
-0.001
-0.0005
0
0.0005
0.001
h16c
Passband
Transition Band
Normalized Frequency (Fs)
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
h8co
Passband
Transition Band
Aliasing Band
Normalized Frequency (Fs)
0
0.01
0.02
0.03
0.04
0.05
0.06
-0.001
-0.0005
0
0.0005
0.001
h8co
Passband
Transition Band
Normalized Frequency (Fs)
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
h4_9
Passband
Transition Band
Aliasing Band
Normalized Frequency (Fs)
0
0.02
0.04
0.06
0.08
0.1
0.12
-0.01
-0.005
0
0.005
0.01
h4_9
Passband
Transition Band
52
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 75. Decimate-by-4 Composite Response
(D4_AP87 = 1)
Figure 76. Decimate-by-4 Composite Zoomed Pass-Band
Response (D4_AP87 = 1)
Figure 77. Decimate-by-8 Composite Response
Figure 78. Decimate-by-8 Composite Zoomed Pass-Band
Response
Figure 79. Decimate-by-16 Composite Response
Figure 80. Decimate-by-16 Composite Zoomed Pass-Band
Response


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn