Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 51 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 47Page - Texas Instruments ADC12DJ2700 Datasheet HTML 48Page - Texas Instruments ADC12DJ2700 Datasheet HTML 49Page - Texas Instruments ADC12DJ2700 Datasheet HTML 50Page - Texas Instruments ADC12DJ2700 Datasheet HTML 51Page - Texas Instruments ADC12DJ2700 Datasheet HTML 52Page - Texas Instruments ADC12DJ2700 Datasheet HTML 53Page - Texas Instruments ADC12DJ2700 Datasheet HTML 54Page - Texas Instruments ADC12DJ2700 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 146 page
background image
Normalized Frequency (Fs)
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
h4co
Passband
Transition Band
Aliasing Band
Normalized Frequency (Fs)
0
0.02
0.04
0.06
0.08
0.1
0.12
-0.001
-0.0005
0
0.0005
0.001
h4co
Passband
Transition Band
Normalized Frequency (Fs)
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
h2co
Passband
Transition Band
Aliasing Band
Normalized Frequency (Fs)
0.25
0.3
0.35
0.4
0.45
0.5
-0.001
-0.0005
0
0.0005
0.001
h2co
Passband
Transition Band
Aliasing Band
Normalized Frequency (Fs)
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
h2co
Passband
Transition Band
Aliasing Band
Normalized Frequency (Fs)
0
0.05
0.1
0.15
0.2
0.25
-0.001
-0.0005
0
0.0005
0.001
h2co
Passband
Transition Band
51
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 69. Decimate-by-2 Composite Response
(D2_HIGH_PASS = 0)
Figure 70. Decimate-by-2 Composite Zoomed Pass-Band
Response (D2_HIGH_PASS = 0)
Figure 71. Decimate-by-2 Composite Response
(D2_HIGH_PASS = 1)
Figure 72. Decimate-by-2 Composite Zoomed Pass-Band
Response (D2_HIGH_PASS = 1)
Figure 73. Decimate-by-4 Composite Response
(D4_AP87 = 0)
Figure 74. Decimate-by-4 Composite Zoomed Pass-Band
Response (D4_AP87 = 0)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn