Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 30Page - Texas Instruments ADC12DJ2700 Datasheet HTML 31Page - Texas Instruments ADC12DJ2700 Datasheet HTML 32Page - Texas Instruments ADC12DJ2700 Datasheet HTML 33Page - Texas Instruments ADC12DJ2700 Datasheet HTML 34Page - Texas Instruments ADC12DJ2700 Datasheet HTML 35Page - Texas Instruments ADC12DJ2700 Datasheet HTML 36Page - Texas Instruments ADC12DJ2700 Datasheet HTML 37Page - Texas Instruments ADC12DJ2700 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 146 page
background image
fCLK (MHz)
800
1200
1600
2000
2400
2700
2
2.5
3
3.5
4
D118
FG Calibration
BG Calibration
LPBG Calibration
JMODE
0
2
4
6
8
10
12
14
16
18
0
0.25
0.5
0.75
1
1.25
1.5
D034
IA19
IA11
ID11
fCLK (MHz)
800
1200
1600
2000
2400
2700
0
0.2
0.4
0.6
0.8
D124
FG Calibration
BG Calibration
LPBG Calibration
fCLK (MHz)
800
1200
1600
2000
2400
2700
0
0.2
0.4
0.6
0.8
D117
FG Calibration
BG Calibration
LPBG Calibration
Supply Voltage (%)
-5
-2.5
0
2.5
5
2.4
2.6
2.8
3
3.2
D044
fCLK (MHz)
800
1200
1600
2000
2400
2700
0.7
0.8
0.9
1
1.1
1.2
D123
FG Calibration
BG Calibration
LPBG Calibration
34
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values at TA = 25°C, VA19 = 1.9 V, VA11 = VD11 = 1.1 V, default full-scale voltage (FS_RANGE_A = FS_RANGE_B
= 0xA000), input signal applied to INA± in single-channel modes, fIN = 347 MHz, AIN = –1 dBFS, fCLK = maximum-rated clock
frequency, filtered, 1-VPP sine-wave clock, JMODE = 1, and background calibration (unless otherwise noted); SNR results
exclude DC, HD2 to HD9 and interleaving spurs; SINAD, ENOB, and SFDR results exclude DC and fixed-frequency
interleaving spurs
JMODE1, fS = 5400 MSPS, FG calibration
Figure 52. Power Consumption vs Supply Voltage
JMODE0, fIN = 607 MHz
Figure 53. IA19 Supply Current vs Clock Frequency
JMODE0, fIN = 607 MHz
Figure 54. IA11 Supply Current vs Clock Frequency
JMODE0, fIN = 607 MHz
Figure 55. ID11 Supply Current vs Clock Frequency
JMODE0, fIN = 607 MHz
Figure 56. Power Consumption vs Clock Frequency
fIN = 2400 MHz, fCLK = 2700 MHz, FG calibration
Figure 57. Supply Current vs JMODE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn