Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 24Page - Texas Instruments ADC12DJ2700 Datasheet HTML 25Page - Texas Instruments ADC12DJ2700 Datasheet HTML 26Page - Texas Instruments ADC12DJ2700 Datasheet HTML 27Page - Texas Instruments ADC12DJ2700 Datasheet HTML 28Page - Texas Instruments ADC12DJ2700 Datasheet HTML 29Page - Texas Instruments ADC12DJ2700 Datasheet HTML 30Page - Texas Instruments ADC12DJ2700 Datasheet HTML 31Page - Texas Instruments ADC12DJ2700 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 146 page
background image
Frequency (MHz)
0
337.5
675
1012.5
1350
-150
-120
-90
-60
-30
0
D139
Frequency (MHz)
0
675
1350
2025
2700
-150
-120
-90
-60
-30
0
D134
fS (MSPS)
800
1200
1600
2000
2400
2700
-90
-85
-80
-75
-70
-65
-60
-55
D014
HD2
HD3
THD
fS (MSPS)
1600
2400
3200
4000
4800
5400
-90
-85
-80
-75
-70
-65
-60
-55
D006
HD2
HD3
THD
fS (MSPS)
800
1200
1600
2000
2400
2700
40
45
50
55
60
65
70
75
D012
SNR
SINAD
SFDR
fS (MSPS)
1600
2400
3200
4000
4800
5400
40
45
50
55
60
65
70
75
D004
SNR
SINAD
SFDR
28
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values at TA = 25°C, VA19 = 1.9 V, VA11 = VD11 = 1.1 V, default full-scale voltage (FS_RANGE_A = FS_RANGE_B
= 0xA000), input signal applied to INA± in single-channel modes, fIN = 347 MHz, AIN = –1 dBFS, fCLK = maximum-rated clock
frequency, filtered, 1-VPP sine-wave clock, JMODE = 1, and background calibration (unless otherwise noted); SNR results
exclude DC, HD2 to HD9 and interleaving spurs; SINAD, ENOB, and SFDR results exclude DC and fixed-frequency
interleaving spurs
JMODE3, fIN = 347 MHz, BG calibration
Figure 16. SNR, SINAD, SFDR vs Sampling Rate
JMODE1, fIN = 347 MHz, BG calibration
Figure 17. SNR, SINAD, SFDR vs Sampling Rate
JMODE3, fIN = 347 MHz, BG calibration
Figure 18. HD2, HD3, THD vs Sampling Rate
JMODE1, fIN = 347 MHz, BG calibration
Figure 19. HD2, HD3, THD vs Sampling Rate
JMODE3, fIN = 350 MHz, FG calibration, SNR = 56.7 dBFS,
SFDR = 68.0 dBFS, ENOB = 9.00 bits
Figure 20. Single-Tone FFT at AIN = –1 dBFS
JMODE1, fIN = 350 MHz, FG calibration, SNR = 56.6 dBFS,
SFDR = 70.0 dBFS, ENOB = 8.98 bits
Figure 21. Single-Tone FFT at AIN = –1 dBFS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn