Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 16Page - Texas Instruments ADC12DJ2700 Datasheet HTML 17Page - Texas Instruments ADC12DJ2700 Datasheet HTML 18Page - Texas Instruments ADC12DJ2700 Datasheet HTML 19Page - Texas Instruments ADC12DJ2700 Datasheet HTML 20Page - Texas Instruments ADC12DJ2700 Datasheet HTML 21Page - Texas Instruments ADC12DJ2700 Datasheet HTML 22Page - Texas Instruments ADC12DJ2700 Datasheet HTML 23Page - Texas Instruments ADC12DJ2700 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 146 page
background image
20
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics: AC Specifications (Single-Channel Mode) (continued)
typical values at TA = 25°C, VA19 = 1.9 V, VA11 = 1.1 V, VD11 = 1.1 V, default full-scale voltage (FS_RANGE_A = 0xA000),
input signal applied to INA±, fIN = 248 MHz, AIN = –1 dBFS, fCLK = maximum rated clock frequency, filtered 1-VPP sine-wave
clock, JMODE = 1, and background calibration (unless otherwise noted); minimum and maximum values are at nominal
supply voltages and over the operating free-air temperature range provided in the Recommended Operating Conditions table
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HD3
3rd-order harmonic distortion
fIN = 347 MHz, AIN = –1 dBFS
–71
dBFS
fIN = 347 MHz, AIN = –1 dBFS,
maximum FS_RANGE_A setting,
foreground calibration
–69
fIN = 997 MHz, AIN = –1 dBFS
–72
fIN = 2482 MHz, AIN = –1 dBFS
–68
–60
fIN = 2482 MHz, AIN = –1 dBFS,
maximum FS_RANGE_A setting,
foreground calibration
–62
fIN = 4997 MHz, AIN = –1 dBFS
–61
fIN = 6397 MHz, AIN = –1 dBFS
–59
fIN = 8197 MHz, AIN = –1 dBFS
–56
fS / 2-fIN
fS / 2-fIN interleaving spur, signal
dependent
fIN = 347 MHz, AIN = –1 dBFS
–65
dBFS
fIN = 997 MHz, AIN = –1 dBFS
–61
fIN = 2482 MHz, AIN = –1 dBFS
–59
–50
fIN = 4997 MHz, AIN = –1 dBFS
–56
fIN = 6397 MHz, AIN = –1 dBFS
–53
fIN = 8197 MHz, AIN = –1 dBFS
–49
fS / 4±fIN
fS / 4±fIN interleaving spurs, signal
dependent
fIN = 347 MHz, AIN = –1 dBFS
–75
dBFS
fIN = 997 MHz, AIN = –1 dBFS
–72
fIN = 2482 MHz, AIN = –1 dBFS
–75
–60
fIN = 4997 MHz, AIN = –1 dBFS
–69
fIN = 6397 MHz, AIN = –1 dBFS
–69
fIN = 8197 MHz, AIN = –1 dBFS
–65
SPUR
Worst-harmonic, 4th-order distortion
or higher
fIN = 347 MHz, AIN = –1 dBFS
–75
dBFS
fIN = 997 MHz, AIN = –1 dBFS
–78
fIN = 2482 MHz, AIN = –1 dBFS
–78
–65
fIN = 4997 MHz, AIN = –1 dBFS
–72
fIN = 6397 MHz, AIN = –1 dBFS
–72
fIN = 8197 MHz, AIN = –1 dBFS
–79
IMD3
3rd-order intermodulation distortion
fIN = 347 MHz ± 2.5 MHz,
AIN = –7 dBFS per tone
–90
dBFS
fIN = 997 MHz ± 2.5 MHz,
AIN = –7 dBFS per tone
–79
fIN = 2497 MHz ± 2.5 MHz,
AIN = –7 dBFS per tone
–73
fIN = 4997 MHz ± 2.5 MHz,
AIN = –7 dBFS per tone
–63
fIN = 6397 MHz ± 2.5 MHz,
AIN = –7 dBFS per tone
–58
fIN = 7997 MHz ± 2.5 MHz,
AIN = –7 dBFS per tone
–51


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn