Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 2 Page - Texas Instruments

  ADC12DJ2700 Datasheet HTML 1Page - Texas Instruments ADC12DJ2700 Datasheet HTML 2Page - Texas Instruments ADC12DJ2700 Datasheet HTML 3Page - Texas Instruments ADC12DJ2700 Datasheet HTML 4Page - Texas Instruments ADC12DJ2700 Datasheet HTML 5Page - Texas Instruments ADC12DJ2700 Datasheet HTML 6Page - Texas Instruments ADC12DJ2700 Datasheet HTML 7Page - Texas Instruments ADC12DJ2700 Datasheet HTML 8Page - Texas Instruments ADC12DJ2700 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 146 page
background image
2
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications....................................................... 10
6.1
Absolute Maximum Ratings .................................... 10
6.2
ESD Ratings............................................................ 10
6.3
Recommended Operating Conditions ..................... 11
6.4
Thermal Information ................................................ 11
6.5
Electrical Characteristics: DC Specifications .......... 12
6.6
Electrical Characteristics: Power Consumption ...... 14
6.7
Electrical Characteristics: AC Specifications (Dual-
Channel Mode) ........................................................ 15
6.8
Electrical Characteristics: AC Specifications (Single-
Channel Mode) ........................................................ 18
6.9
Timing Requirements .............................................. 21
6.10
Switching Characteristics ...................................... 22
6.11
Typical Characteristics .......................................... 26
7
Detailed Description ............................................ 36
7.1
Overview ................................................................. 36
7.2
Functional Block Diagram ....................................... 37
7.3
Feature Description................................................. 37
7.4
Device Functional Modes........................................ 60
7.5
Programming........................................................... 77
7.6
Register Maps ......................................................... 78
8
Application and Implementation ...................... 128
8.1
Application Information.......................................... 128
8.2
Typical Application ............................................... 128
8.3
Initialization Set Up .............................................. 131
9
Power Supply Recommendations .................... 131
9.1
Power Sequencing ................................................ 133
10
Layout................................................................. 133
10.1
Layout Guidelines ............................................... 133
10.2
Layout Example .................................................. 134
11
Device and Documentation Support ............... 137
11.1
Device Support .................................................. 137
11.2
Documentation Support ...................................... 137
11.3
Receiving Notification of Documentation
Updates.................................................................. 137
11.4
Community Resources........................................ 137
11.5
Trademarks ......................................................... 138
11.6
Electrostatic Discharge Caution .......................... 138
11.7
Glossary .............................................................. 138
12
Mechanical, Packaging, and Orderable
Information ......................................................... 138
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
January 2018
*
Initial release.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn