Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 12Page - Texas Instruments ADC12DJ2700 Datasheet HTML 13Page - Texas Instruments ADC12DJ2700 Datasheet HTML 14Page - Texas Instruments ADC12DJ2700 Datasheet HTML 15Page - Texas Instruments ADC12DJ2700 Datasheet HTML 16Page - Texas Instruments ADC12DJ2700 Datasheet HTML 17Page - Texas Instruments ADC12DJ2700 Datasheet HTML 18Page - Texas Instruments ADC12DJ2700 Datasheet HTML 19Page - Texas Instruments ADC12DJ2700 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 146 page
background image
16
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics: AC Specifications (Dual-Channel Mode) (continued)
typical values at TA = 25°C, VA19 = 1.9 V, VA11 = 1.1 V, VD11 = 1.1 V, default full-scale voltage (FS_RANGE_A =
FS_RANGE_B = 0xA000), fIN = 248 MHz, AIN = –1 dBFS, fCLK = maximum rated clock frequency, filtered 1-VPP sine-wave
clock, JMODE = 3, and background calibration (unless otherwise noted); minimum and maximum values are at nominal
supply voltages and over the operating free-air temperature range provided in the Recommended Operating Conditions table
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal-to-noise and distortion ratio,
large signal, excluding DC and fS / 2
fixed spurs
fIN = 347 MHz, AIN = –1 dBFS
56.0
dBFS
fIN = 997 MHz, AIN = –1 dBFS
56.0
fIN = 2482 MHz, AIN = –1 dBFS
51
55.1
fIN = 4997 MHz, AIN = –1 dBFS
51.1
fIN = 6397 MHz, AIN = –1 dBFS
49.3
fIN = 8197 MHz, AIN = –1 dBFS
47.0
ENOB
Effective number of bits, large
signal, excluding DC and fS / 2 fixed
spurs
fIN = 347 MHz, AIN = –1 dBFS
9.0
bits
fIN = 997 MHz, AIN = –1 dBFS
9.0
fIN = 2482 MHz, AIN = –1 dBFS
8.2
8.9
fIN = 4997 MHz, AIN = –1 dBFS
8.2
fIN = 6397 MHz, AIN = –1 dBFS
7.9
fIN = 8197 MHz, AIN = –1 dBFS
7.5
SFDR
Spurious-free dynamic range, large
signal, excluding DC and fS / 2 fixed
spurs
fIN = 347 MHz, AIN = –1 dBFS
70
dBFS
fIN = 347 MHz, AIN = –1 dBFS,
maximum FS_RANGE_A and
FS_RANGE_B setting, foreground
calibration
70
fIN = 997 MHz, AIN = –1 dBFS
71
fIN = 2482 MHz, AIN = –1 dBFS
60
68
fIN = 2482 MHz, AIN = –1 dBFS,
maximum FS_RANGE_A and
FS_RANGE_B setting, foreground
calibration
63
fIN = 4997 MHz, AIN = –1 dBFS
59
fIN = 6397 MHz, AIN = –1 dBFS
56
fIN = 8197 MHz, AIN = –1 dBFS
54
SFDR
Spurious-free dynamic range, small
signal, excluding DC and fS / 2 fixed
spurs
fIN = 347 MHz, AIN = –16 dBFS
73
dBFS
fIN = 997 MHz, AIN = –16 dBFS
73
fIN = 2482 MHz, AIN = –16 dBFS
74
fIN = 4997 MHz, AIN = –16 dBFS
74
fIN = 6397 MHz, AIN = –16 dBFS
73
fIN = 8197 MHz, AIN = –16 dBFS
72
fS / 2
fS / 2 fixed interleaving spur,
independent of input signal
No input
–70
–55
dBFS
HD2
2nd-order harmonic distortion
fIN = 347 MHz, AIN = –1 dBFS
–78
dBFS
fIN = 347 MHz, AIN = –1 dBFS,
maximum FS_RANGE_A and
FS_RANGE_B setting, foreground
calibration
–80
fIN = 997 MHz, AIN = –1 dBFS
–77
fIN = 2482 MHz, AIN = –1 dBFS
–72
–60
fIN = 2482 MHz, AIN = –1 dBFS,
maximum FS_RANGE_A and
FS_RANGE_B setting, foreground
calibration
–73
fIN = 4997 MHz, AIN = –1 dBFS
–67
fIN = 6397 MHz, AIN = –1 dBFS
–63
fIN = 8197 MHz, AIN = –1 dBFS
–59


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn