Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12DJ2700 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 10Page - Texas Instruments ADC12DJ2700 Datasheet HTML 11Page - Texas Instruments ADC12DJ2700 Datasheet HTML 12Page - Texas Instruments ADC12DJ2700 Datasheet HTML 13Page - Texas Instruments ADC12DJ2700 Datasheet HTML 14Page - Texas Instruments ADC12DJ2700 Datasheet HTML 15Page - Texas Instruments ADC12DJ2700 Datasheet HTML 16Page - Texas Instruments ADC12DJ2700 Datasheet HTML 17Page - Texas Instruments ADC12DJ2700 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 146 page
background image
14
ADC12DJ2700
SLVSEH9 – JANUARY 2018
www.ti.com
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.6 Electrical Characteristics: Power Consumption
typical values at TA = 25°C, VA19 = 1.9 V, VA11 = 1.1 V, VD11 = 1.1 V, default full-scale voltage (FS_RANGE_A =
FS_RANGE_B = 0xA000), input signal applied to INA± in single-channel modes, fIN = 248 MHz, AIN = –1 dBFS, fCLK =
maximum rated clock frequency, filtered 1-VPP sine-wave clock, JMODE = 1, and background calibration (unless otherwise
noted); minimum and maximum values are at nominal supply voltages and over the operating free-air temperature range
provided in the Recommended Operating Conditions table
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVA19
1.9-V analog supply current
Power mode 1: single-channel
mode, JMODE 1 (16 lanes, DDC
bypassed), foreground calibration
884
mA
IVA11
1.1-V analog supply current
440
mA
IVD11
1.1-V digital supply current
529
mA
PDIS
Power dissipation
2.7
W
IVA19
1.9-V analog supply current
Power mode 2: single-channel
mode, JMODE 0 (8 lanes, DDC
bypassed), foreground calibration
884
950
mA
IVA11
1.1-V analog supply current
439
600
mA
IVD11
1.1-V digital supply current
569
750
mA
PDIS
Power dissipation
2.8
3.5
W
IVA19
1.9-V analog supply current
Power mode 3: single-channel
mode, JMODE 1 (16 lanes, DDC
bypassed), background calibration
1161
mA
IVA11
1.1-V analog supply current
525
mA
IVD11
1.1-V digital supply current
544
mA
PDIS
Power dissipation
3.4
W
IVA19
1.9-V analog supply current
Power mode 4: dual-channel mode,
JMODE 3 (16 lanes, DDC
bypassed), background calibration
1242
mA
IVA11
1.1-V analog supply current
524
mA
IVD11
1.1-V digital supply current
524
mA
PDIS
Power dissipation
3.5
W
IVA19
1.9-V analog supply current
Power mode 5: dual-channel mode,
JMODE 11 (8 lanes, 4x decimation),
foreground calibration
965
mA
IVA11
1.1-V analog supply current
439
mA
IVD11
1.1-V digital supply current
763
mA
PDIS
Power dissipation
3.2
W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn