Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC11020 Datasheet(PDF) 2 Page - Texas Instruments

Part No. 74AC11020
Description  DUAL 4-INPUT POSITIVE-NAND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11020 Datasheet(HTML) 2 Page - Texas Instruments

  74AC11020 Datasheet HTML 1Page - Texas Instruments 74AC11020 Datasheet HTML 2Page - Texas Instruments 74AC11020 Datasheet HTML 3Page - Texas Instruments 74AC11020 Datasheet HTML 4Page - Texas Instruments 74AC11020 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
54AC11020, 74AC11020
DUAL 4-INPUT POSITIVE-NAND GATES
SCAS154 – MARCH 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–2
logic symbol
logic diagram (positive logic)
&
2
1A
1
1B
13
1C
12
1D
1Y
3
10
2A
9
2B
7
2C
6
2D
2Y
5
1Y
3
2
1A
1
1B
13
1C
12
1D
2Y
5
10
2A
9
2B
7
2C
6
2D
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54AS20A DUAL 4-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN74ALS22B DUAL 4-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1  2  3  Texas Instruments
SN5420 DUAL 4-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54ALS20A DUAL 4-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54F20 DUAL 4-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
SN54HC20 DUAL 4-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54LS21 DUAL 4-INPUT POSITIVE-AND GATES 1  2  3  4  5  More Texas Instruments
SN54S140 DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS 1  2  3  4  5  More Texas Instruments
HD74HC20 Dual 4-input NAND Gates 1  2  3  4  5  More Hitachi Semiconductor
54LS20 Dual 4-Input NAND Gates 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn