Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC11020 Datasheet(PDF) 4 Page - Texas Instruments

Part No. 74AC11020
Description  DUAL 4-INPUT POSITIVE-NAND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11020 Datasheet(HTML) 4 Page - Texas Instruments

  74AC11020 Datasheet HTML 1Page - Texas Instruments 74AC11020 Datasheet HTML 2Page - Texas Instruments 74AC11020 Datasheet HTML 3Page - Texas Instruments 74AC11020 Datasheet HTML 4Page - Texas Instruments 74AC11020 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
54AC11020, 74AC11020
DUAL 4-INPUT POSITIVE-NAND GATES
SCAS154 – MARCH 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–4
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11020
74AC11020
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
Any
Y
1.5
6.4
8.6
1.5
10
1.5
9.4
ns
tPHL
Any
Y
1.5
6.4
9.2
1.5
10.7
1.5
10.1
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11020
74AC11020
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
Any
Y
1.5
4.3
8.1
1.5
7
1.5
6.7
ns
tPHL
Any
Y
1.5
4.4
7.8
1.5
7.7
1.5
7.3
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
CL = 50 pF, f = 1 MHz
19
pF
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
LOAD CIRCUIT
Input
(see Note B)
50%
50%
50% VCC
50% VCC
tPHL
tPLH
VCC
Output
VOL
VOH
0 V
From Output
Under Test
CL = 50 pF
(see Note A)
500
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54AS20A DUAL 4-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN74ALS22B DUAL 4-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1  2  3  Texas Instruments
SN5420 DUAL 4-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54ALS20A DUAL 4-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54F20 DUAL 4-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
SN54HC20 DUAL 4-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54LS21 DUAL 4-INPUT POSITIVE-AND GATES 1  2  3  4  5  More Texas Instruments
SN54S140 DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS 1  2  3  4  5  More Texas Instruments
HD74HC20 Dual 4-input NAND Gates 1  2  3  4  5  More Hitachi Semiconductor
54LS20 Dual 4-Input NAND Gates 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn