Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7843330330 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7843330330
Description  WE-CHSA SMD High Current Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7843330330 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7843330330 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7843330330 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7843330330 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7843330330 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7843330330 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7843330330 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 7843330330 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dimensions: [mm]
10,6 ±0,3
6,2 ±0,3
1,9 ref.
Scale - 2:1
Marking
WE 3R3
Product Marking:
Recommended Land Pattern: [mm]
2,05
6,05
2,05
no vias and traces in restricted area
Solder Resist
Scale - 2:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 10 mA
L
3.3
µH
±20%
Rated Current
ΔT = 50 K
IR
13.8
A
max.
Saturation Current
|ΔL/L| < 30 %
ISAT
20.5
A
typ.
DC Resistance
@ 20 °C
RDC
5.4
typ.
DC Resistance
@ 20 °C
RDC
6.5
max.
Self Resonant Frequency
fres
55
MHz
typ.
Electrical Properties:
It is recommended that the temperature of the component does not exceed +150°C under worst
case conditions
Ambient Temperature (refering to
IR)
-55 °C up to +100 °C
Storage Temperature (in original
packaging)
-20°C up to +40°C, 75% RH max.
Operating Temperature
-55 °C up to +150 °C
AEC-Q200 qualified
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
KaZ
DIN ISO 2768-1m
DESCRIPTION
WE-CHSA SMD High Current
Inductor
ORDER CODE
7843330330
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1011
001.000
Valid
2016-09-20
eiSos
1/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7843330330

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7843330390 WURTH-7843330390 Datasheet
481Kb / 7P
   WE-CHSA SMD High Current Inductor
More results

Similar Description - 7843330330

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7843340033 WURTH-7843340033 Datasheet
482Kb / 7P
   WE-CHSA SMD High Current Inductor
7843320150 WURTH-7843320150 Datasheet
481Kb / 7P
   WE-CHSA SMD High Current Inductor
7843340330 WURTH-7843340330 Datasheet
481Kb / 7P
   WE-CHSA SMD High Current Inductor
7843330820 WURTH-7843330820 Datasheet
481Kb / 7P
   WE-CHSA SMD High Current Inductor
7843320330 WURTH-7843320330 Datasheet
481Kb / 7P
   WE-CHSA SMD High Current Inductor
7843340068 WURTH-7843340068 Datasheet
482Kb / 7P
   WE-CHSA SMD High Current Inductor
7843340220 WURTH-7843340220 Datasheet
481Kb / 7P
   WE-CHSA SMD High Current Inductor
7843320068 WURTH-7843320068 Datasheet
482Kb / 7P
   WE-CHSA SMD High Current Inductor
7843330180 WURTH-7843330180 Datasheet
481Kb / 7P
   WE-CHSA SMD High Current Inductor
7843340100 WURTH-7843340100 Datasheet
482Kb / 7P
   WE-CHSA SMD High Current Inductor
7843320039 WURTH-7843320039 Datasheet
482Kb / 7P
   WE-CHSA SMD High Current Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com